Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 279Page - Renesas Technology Corp SH7016 Datasheet HTML 280Page - Renesas Technology Corp SH7016 Datasheet HTML 281Page - Renesas Technology Corp SH7016 Datasheet HTML 282Page - Renesas Technology Corp SH7016 Datasheet HTML 283Page - Renesas Technology Corp SH7016 Datasheet HTML 284Page - Renesas Technology Corp SH7016 Datasheet HTML 285Page - Renesas Technology Corp SH7016 Datasheet HTML 286Page - Renesas Technology Corp SH7016 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 249 of 716
REJ09B0398-0500
Phase Count Mode 4: Figure 10.32 shows an example of phase counting mode 4 operation. Table
10.12 lists the up counting and down counting conditions for the TCNT.
Increment
Decrement
TCLKA (Channel 1)
TCLKC (Channel 2)
TCLKB (Channel 1)
TCLKD (Channel 2)
TCNT value
Time
Figure 10.32 Phase Counting Mode 4 Operation
Table 10.12 Phase Count Mode 4 Up/Down Counting Conditions
TCLKA (Channel 1)
TCLKC (Channel 2)
TCLKB (Channel 1)
TCLKD (Channel 2)
Operation
1 (high level)
Rising edge
Increment
0 (low level)
Falling edge
Rising edge
0 (low level)
Does not count (don't care)
Falling edge
1 (high level)
1 (high level)
Falling edge
Decrement
0 (low level)
Rising edge
Rising edge
1 (high level)
Does not count (don't care)
Falling edge
0 (low level)
Phase Counting Mode Application Example: Figure 10.33 shows an example where channel 1
is set to phase counting mode and is teamed with channel 0 to input a two-phase encoder pulse for
a servo motor to accurately detect position and speed.
Channel 1 is set to phase counting mode 1, and the encoder pulse A phase and B phase are input to
the TCLKA and TCLKB pins.
Channel 0 is set so that the TCNT counter is cleared on a TGR0C register compare-match, and the
TGR0A and TGR0C registers are used with the compare-match function to establish the speed
control and position control periods. The TGR0B register is used with the input capture function,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com