Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 283Page - Renesas Technology Corp SH7016 Datasheet HTML 284Page - Renesas Technology Corp SH7016 Datasheet HTML 285Page - Renesas Technology Corp SH7016 Datasheet HTML 286Page - Renesas Technology Corp SH7016 Datasheet HTML 287Page - Renesas Technology Corp SH7016 Datasheet HTML 288Page - Renesas Technology Corp SH7016 Datasheet HTML 289Page - Renesas Technology Corp SH7016 Datasheet HTML 290Page - Renesas Technology Corp SH7016 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 253 of 716
REJ09B0398-0500
The MTU has three TGRA register input capture/compare-match interrupts, one for each channel,
that can be used as A/D converter activation sources.
10.6
Operation Timing
10.6.1
Input/Output Timing
TCNT Count Timing: Count timing for the TCNT counter with internal clock operation is shown
in figure 10.34. Count timing with external clock operation (normal mode) is shown in figure
10.35, and figure 10.36 shows count timing with external clock operation (phase counting mode).
TCNT
input
clock
Internal
clock
TCNT
φ
Falling edge
Falling edge
Rising edge
N
− 1
N
N + 1
N + 2
Figure 10.34 TCNT Count Timing during Internal Clock Operation
TCNT
input
clock
Internal
clock
TCNT
φ
Falling edge
Falling edge
Rising edge
N
− 1
N
N + 1
N + 2
Figure 10.35 TCNT Count Timing during External Clock Operation (Normal Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com