Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 282Page - Renesas Technology Corp SH7016 Datasheet HTML 283Page - Renesas Technology Corp SH7016 Datasheet HTML 284Page - Renesas Technology Corp SH7016 Datasheet HTML 285Page - Renesas Technology Corp SH7016 Datasheet HTML 286Page - Renesas Technology Corp SH7016 Datasheet HTML 287Page - Renesas Technology Corp SH7016 Datasheet HTML 288Page - Renesas Technology Corp SH7016 Datasheet HTML 289Page - Renesas Technology Corp SH7016 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 252 of 716
REJ09B0398-0500
Table 10.13 MTU Interrupt Sources
Channel
Interrupt
Source
Description
DMAC
Activation
Priority*
0
TGI0A
TGR0A input capture/compare-match
Yes
High
TGI0B
TGR0B input capture/compare-match
No
TGI0C
TGR0C input capture/compare-match
No
TGI0D
TGR0D input capture/compare-match
No
TCI0V
TCNT0 overflow
No
1
TGI1A
TGR1A input capture/compare-match
Yes
TGI1B
TGR1B input capture/compare-match
No
TCI1V
TCNT1 overflow
No
TCI1U
TCNT1 underflow
No
2
TGI2A
TGR2A input capture/compare-match
Yes
TGI2B
TGR2B input capture/compare-match
No
TCI2V
TCNT2 overflow
No
TCI2U
TCNT2 underflow
No
Low
Note:
*
Indicates the initial status following reset. The ranking of channels can be altered using
the interrupt controller.
10.5.2
DMAC Activation
The TGRA register input capture/compare-match interrupt of any channel can be used as a source
to activate the on-chip DMAC. For details, refer to section 9, Direct Memory Access Controller
(DMAC).
The MTU has three TGRA register input capture/compare-match interrupts, one for any channel,
that can be used as DMAC activation sources.
10.5.3
A/D Converter Activation
The TGRA register input capture/compare-match of any channel can be used to activate the on-
chip A/D converter.
If the TTGE bit of the TIER is already set to 1 when the TGFA flag in the TSR is set to 1 by a
TGRA register input capture/compare-match of any of the channels, an A/D conversion start
request is sent to the A/D converter. If the MTU conversion start trigger is selected at such a time
on the A/D converter side when this happens, the A/D conversion starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com