Electronic Components Datasheet Search
  English  ▼

X  

SH7050 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # SH7050
Description  32-Bit RISC Microcomputer SuperH RISC engine Family/
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7050 Datasheet(HTML) 5 Page - Renesas Technology Corp

  SH7050 Datasheet HTML 1Page - Renesas Technology Corp SH7050 Datasheet HTML 2Page - Renesas Technology Corp SH7050 Datasheet HTML 3Page - Renesas Technology Corp SH7050 Datasheet HTML 4Page - Renesas Technology Corp SH7050 Datasheet HTML 5Page - Renesas Technology Corp SH7050 Datasheet HTML 6Page - Renesas Technology Corp SH7050 Datasheet HTML 7Page - Renesas Technology Corp SH7050 Datasheet HTML 8Page - Renesas Technology Corp SH7050 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 841 page
background image
Rev. 5.00 Jan 06, 2006 page v of xx
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
All
All references to Hitachi, Hitachi, Ltd., Hitachi Semiconductors, and
other Hitachi brand names changed to Renesas Technology Corp.
Changes due to change in package codes.
FP-168B
→ PRQP0168JA-A
2.3.3 Instruction
Format
Table 2.9
Instruction Formats
35
Table amended
Instruction Formats
Source
Operand
Destination
Operand
d format
dddd
xxxx
15
0
xxxx
dddd
—
dddddddd: PC
relative
d12 format
dddd
xxxx
15
0
dddd
dddd
—
dddddddddddd:
PC relative
13.2.8 Bit Rate
Register (BRR)
385
Description amended
N =
8
× 22n−1 × B
× 106 − 1
φ
Synchronous mode:
22.2 DC
Characteristics
Table 22.2 DC
Characteristics
655
Table amended
Item
Pin
Symbol
Min
Typ
Max
Unit
Reference
power
supply
current
During A/D
conversion
AI
ref
—
1.0
5
mA
Table 22.3
Permitted Output
Current Values
656
Table amended
Item
Symbol
Min
Typ
Max
Unit
Output low-level permissible current (per pin)
I
OL
——
8.0
mA
Note:
To assure LSI reliability, do not exceed the output values listed in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com