Electronic Components Datasheet Search
  English  ▼

X  

SH7050 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7050
Description  32-Bit RISC Microcomputer SuperH RISC engine Family/
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7050 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7050 Datasheet HTML 27Page - Renesas Technology Corp SH7050 Datasheet HTML 28Page - Renesas Technology Corp SH7050 Datasheet HTML 29Page - Renesas Technology Corp SH7050 Datasheet HTML 30Page - Renesas Technology Corp SH7050 Datasheet HTML 31Page - Renesas Technology Corp SH7050 Datasheet HTML 32Page - Renesas Technology Corp SH7050 Datasheet HTML 33Page - Renesas Technology Corp SH7050 Datasheet HTML 34Page - Renesas Technology Corp SH7050 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 841 page
background image
Section 1 Overview
Rev. 5.00 Jan 06, 2006 page 11 of 818
REJ09B0273-0500
Type
Symbol
Pin No.
I/O
Name
Function
Interrupts
IRQOUT
159
Output
Interrupt
request
output
Indicates that an interrupt has
been generated.
Enables interrupt generation
to be recognized in the bus-
released state.
Address bus
A0–A21
17–20, 22,
24–28, 30,
32–36, 38,
40–44
Output
Address bus
Address output pins.
Data bus
D0–D15
85–88, 90,
92–96, 98,
100–104
Input/
output
Data bus
16-bit bidirectional data bus
pins.
Bus control
CS0–CS3
52–54, 133
Output
Chip select
0 to 3
Chip select signals for
external memory or devices.
RD
50
Output
Read
Indicates reading from an
external device.
WRH
46
Output
Upper write
Indicates writing of the upper
8 bits of external data.
WRL
45
Output
Lower write
Indicates writing of the lower
8 bits of external data.
WAIT
48
Input
Wait
Input for wait cycle insertion
in bus cycles during external
space access.
DREQ0–
DREQ1
131, 128
Input
DMA transfer
request
(channels 0, 1)
Input pin for external requests
for DMA transfer.
Direct memory
access
controller
(DMAC)
DRAK0–
DRAK1
61, 62
Output
DREQ request
acknowledg-
ment (channels
0, 1)
These pins output the input
sampling acknowledgment for
external requests for DMA
transfer.
DACK0–
DACK1
129, 127
Output
DMA transfer
strobe
(channels 0, 1)
These pins output a strobe to
the external I/O of external
DMA transfer requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com