Electronic Components Datasheet Search
  English  ▼

X  

SH7050 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7050
Description  32-Bit RISC Microcomputer SuperH RISC engine Family/
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7050 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7050 Datasheet HTML 25Page - Renesas Technology Corp SH7050 Datasheet HTML 26Page - Renesas Technology Corp SH7050 Datasheet HTML 27Page - Renesas Technology Corp SH7050 Datasheet HTML 28Page - Renesas Technology Corp SH7050 Datasheet HTML 29Page - Renesas Technology Corp SH7050 Datasheet HTML 30Page - Renesas Technology Corp SH7050 Datasheet HTML 31Page - Renesas Technology Corp SH7050 Datasheet HTML 32Page - Renesas Technology Corp SH7050 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 841 page
background image
Section 1 Overview
Rev. 5.00 Jan 06, 2006 page 9 of 818
REJ09B0273-0500
1.3.2
Pin Functions
Table 1.2 summarizes the pin functions.
Table 1.2
Pin Functions
Type
Symbol
Pin No.
I/O
Name
Function
Power supply
V
CC
13, 21, 29,
37, 47, 55,
72, 79, 89,
97, 105,
113, 130,
158
Input
Power supply
For connection to the power
supply.
Connect all V
CC pins to the
system power supply. The
chip will not operate if there
are any open pins.
V
SS
7, 15, 23,
31, 39, 49,
57, 64, 70,
81, 91, 99,
107, 115,
136, 164
Input
Ground
For connection to ground.
Connect all V
SS pins to the
system ground. The chip will
not operate if there are any
open pins.
Flash memory FWE
118
Input
Flash write
enable
Connected to ground in
normal operation.
Apply V
CC during on-board
programming. (Not included
in mask ROM version.)
Clock
PLLV
CC
121
Input
PLL power
supply
On-chip PLL oscillator power
supply.
For power supply connection,
see section 4, Clock Pulse
Generator.
PLLV
SS
123
Input
PLL ground
On-chip PLL oscillator
ground.
For power supply connection,
see section 4, Clock Pulse
Generator.
PLLCAP
122
Input
PLL
capacitance
On-chip PLL oscillator
external capacitance
connection pin.
For external capacitance
connection, see section 4,
Clock Pulse Generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com