Electronic Components Datasheet Search
  English  ▼

X  

SH7050 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SH7050
Description  32-Bit RISC Microcomputer SuperH RISC engine Family/
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7050 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SH7050 Datasheet HTML 19Page - Renesas Technology Corp SH7050 Datasheet HTML 20Page - Renesas Technology Corp SH7050 Datasheet HTML 21Page - Renesas Technology Corp SH7050 Datasheet HTML 22Page - Renesas Technology Corp SH7050 Datasheet HTML 23Page - Renesas Technology Corp SH7050 Datasheet HTML 24Page - Renesas Technology Corp SH7050 Datasheet HTML 25Page - Renesas Technology Corp SH7050 Datasheet HTML 26Page - Renesas Technology Corp SH7050 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 841 page
background image
Section 1 Overview
Rev. 5.00 Jan 06, 2006 page 3 of 818
REJ09B0273-0500
Item
Features
Operating states
• Operating modes
 Single-chip mode
 8/16-bit bus expanded mode (area 0 only set by mode pins)
• Mode with on-chip ROM
• Mode with no on-chip ROM
• Processing states
 Power-on reset state
 Program execution state
 Exception handling state
 Bus-released state
 Power-down state
• Power-down state
 Sleep mode
 Software standby mode
 Hardware standby mode
Interrupt
controller (INTC)
• Nine external interrupt pins (NMI, IRQ0 to IRQ7)
• 66 internal interrupt sources
(ATU
× 44, SCI × 12, DMAC × 4, A/D × 2, WDT × 1, UBC × 1, CMT × 2)
• 16 programmable priority levels
User break
controller (UBC)
• Requests an interrupt when the CPU or DMAC generates a bus cycle with
specified conditions
• Simplifies configuration of an on-chip debugger
Clock pulse
generator
(CPG/PLL)
• On-chip clock pulse generator (maximum operating frequency: 20 MHz)
• On-chip clock-multiplication PLL circuit (×1, ×2, ×4)
External input frequency range: 4 to 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com