Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 44Page - Renesas Technology Corp 7641 Datasheet HTML 45Page - Renesas Technology Corp 7641 Datasheet HTML 46Page - Renesas Technology Corp 7641 Datasheet HTML 47Page - Renesas Technology Corp 7641 Datasheet HTML 48Page - Renesas Technology Corp 7641 Datasheet HTML 49Page - Renesas Technology Corp 7641 Datasheet HTML 50Page - Renesas Technology Corp 7641 Datasheet HTML 51Page - Renesas Technology Corp 7641 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 31 of 113
7641 Group
REJ09B0336-0200
HARDWARE
FUNCTIONAL DESCRIPTION
q Serial I/O Normal Operation
The serial I/O counter is set to “7” by writing operation to the serial
I/O shift register (address 002A16). When the SRDY Output Select
bit is “1”, the SRDY pin goes “L” after that writing. On the negative
edge of the transfer clock the SRDY pin returns “H” and the data
of the first bit is transmitted from the STXD pin. The remaining
data are done from the STXD pin bit by bit on each falling edge of
the transfer clock.
Additionally, the data is latched from the SRXD pin on each rising
edge of the transfer clock and then the contents of the serial I/O
shift register are shifted by one bit.
When the internal system clock is selected as the transfer clock,
the followings occur at counting eight transfer clocks:
•The serial I/O counter reaches “0”
•The transfer clock halts at “H”
•The serial I/O interrupt request bit is set to “1”
•The STXD pin goes a high-impedance state after an 8-bit transfer
is completed.
When the external clock is selected as the transfer clock, the fol-
lowings occur at counting eight transfer clocks:
•The serial I/O counter reaches “0”
•The serial I/O interrupt request bit is set to “1”
In this case, the transfer clock needs to be controlled by the exter-
nal source because the transfer clock does not halt. Additionally,
the STXD pin does not go a high-impedance state after an 8-bit
transfer is completed.
Figure 25 shows serial I/O timing.
Fig. 25 Serial I/O timing
D1
D0
D2
D3
D4
D5
D6
D7
First
Last
STXD/SRXD
Synchronizing clock
SCLK (CPoL = 1, CPha =1 )
SCLK (CPoL = 0, CPha = 1)
SCLK (CPoL = 1, CPha = 0)
SCLK (CPoL = 0, CPha = 0)
qNormal mode timing (LSB first)
Transfer clock
Synchronizing clock
Serial I/O shift
register write signal
SRDY signal
Serial I/O output STXD
Serial I/O input SRXD
(Note)
Interrupt request bit is set to “1”.
Note: When the internal clock is selected as the transfer clock, the STXD pin goes to a high-impedance state after transfer completion.
qSPI compatible mode timing
SRDY signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com