Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 63Page - Renesas Technology Corp 7641 Datasheet HTML 64Page - Renesas Technology Corp 7641 Datasheet HTML 65Page - Renesas Technology Corp 7641 Datasheet HTML 66Page - Renesas Technology Corp 7641 Datasheet HTML 67Page - Renesas Technology Corp 7641 Datasheet HTML 68Page - Renesas Technology Corp 7641 Datasheet HTML 69Page - Renesas Technology Corp 7641 Datasheet HTML 70Page - Renesas Technology Corp 7641 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 50 of 113
7641 Group
REJ09B0336-0200
HARDWARE
FUNCTIONAL DESCRIPTION
[USB Interrupt Status Registers 1 and 2] USBIS1, USBIS2
The USB interrupt status registers are used to indicate the condi-
tion that caused a USB function interrupt to be generated. Each
status flag and bit can be cleared to “0” by writing “1” to the corre-
sponding bit. Make sure to write to/read from the USB interrupt
status register 1 first and then USB interrupt status register 2.
When an IN token is received during an isochronous transfer, and
USB interrupt status register 1 (address 005216)
USBIS1
USB endpoint 0 interrupt status flag (INTST0)
0: Except the following conditions
1: Set at any one of the following conditions:
• A packet data of endpoint 0 is successfully received
• A packet data of endpoint 0 is successfully sent
• DATA_END bit of endpoint 0 is cleared to “0”
• FORCE_STALL bit of endpoint 0 is set to “1”
• SETUP_END bit of endpoint 0 is set to “1”.
Reserved bit (“0” at read/write)
USB endpoint 1 IN interrupt status flag (INTST2)
0: Except the following conditions
1: Set at which of the following conditions:
• A packet data of endpoint 1 is successfully sent
• UNDER_RUN bit of endpoint 1 is set to “1”.
USB endpoint 1 OUT interrupt status flag (INTST3)
0: Except the following conditions
1: Set at any one of the following conditions:
• A packet data of endpoint 1 is successfully received
• OVER_RUN bit of endpoint 1 is set to “1”
• FORCE_STALL bit of endpoint 1 is set to “1”.
USB endpoint 2 IN interrupt status flag (INTST4)
0: Except the following conditions
1: Set at which of the following conditions:
• A packet data of endpoint 2 is successfully sent
• UNDER_RUN bit of endpoint 2 is set to “1”.
USB endpoint 2 OUT interrupt status flag (INTST5)
0: Except the following conditions
1: Set at any one of the following conditions:
• A packet data of endpoint 2 is successfully received
• OVER_RUN bit of endpoint 2 is set to “1”
• FORCE_STALL bit of endpoint 2 is set to “1”.
USB endpoint 3 IN interrupt status flag (INTST6)
0: Except the following conditions
1: Set at which of the following conditions:
• A packet data of endpoint 3 is successfully sent
• UNDER_RUN bit of endpoint 3 is set to “1”.
USB endpoint 3 OUT interrupt status flag (INTST7)
0: Except the following conditions
1: Set at any one of the following conditions:
• A packet data of endpoint 3 is successfully received
• OVER_RUN bit of endpoint 3 is set to “1”
• FORCE_STALL bit of endpoint 3 is set to “1”.
b0
b7
0
the IN FIFO is empty, an underrun error occurs and INTST12 and
IN_CSR2 are set to “1”. When an OUT token is received and the
OUT FIFO is full, an overrun error occurs and INTST12 and
OUT_CSR2 are set to “1”. Underruns and overruns are not de-
tected by the CPU in bulk transfers and normal interrupt transfers,
however in this case, the MCU will send a NAK signal to the host
CPU.
Fig. 40 Structure of USB interrupt status register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com