| Electronic Components Datasheet Search |
|
7641 Datasheet(PDF) 88 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7641 Datasheet(HTML) 88 Page - Renesas Technology Corp |
|
88 / 385 page ![]() Rev.2.00 Aug 28, 2006 page 71 of 113 7641 Group REJ09B0336-0200 HARDWARE FUNCTIONAL DESCRIPTION CLOCK GENERATING CIRCUIT The 7641 group has two built-in oscillation circuits. An oscillation circuit can be formed by connecting a resonator between XIN and XOUT (XCIN and XCOUT). Use the circuit constants in accordance with the resonator manufacturer’s recommended values. No exter- nal resistor is needed between XIN and XOUT since a feed-back resistor exists on-chip. (An external feed-back resistor may be needed depending on conditions.) However, an external feed-back resistor is needed between XCIN and XCOUT. When using an external clock, input the clocks to the XIN or XCIN pin and leave the XOUT or XCOUT pin open. Immediately after power on, only the XIN oscillation circuit starts oscillating, and XCIN and XCOUT pins function as I/O ports. Frequency Control The internal system clock can be selected among fSYN, f(XIN), f(XIN)/2, and f(XCIN). The internal clock φ is half the frequency of internal system clock. (1) fSYN clock This is made by the frequency synthesizer. f(XIN) or f(XCIN) can be selected as its input clock. See also section “FREQUENCY SYN- THESIZER”. (2) f(XIN) clock The frequency of internal system clock is the frequency of XIN pin. (3) f(XIN)/2 clock The frequency of internal system clock is half the frequency of XIN pin. (4) f(XCIN) clock The frequency of internal system clock is the frequency of XCIN pin. sNote If you switch the oscillation between XIN - XOUT and XCIN - XCOUT, stabilize both XIN and XCIN oscillations. The sufficient time is re- quired for the XCIN oscillation to stabilize, especially immediately after power on and at returning from the stop mode. Fig. 64 Ceramic resonator or quartz-crystal oscillator exter- nal circuit Fig. 65 External clock input circuit XCIN XCOUT XIN XOUT CIN COUT CCIN CCOUT Rf Rd Note : Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by the maker of the oscillator. Also, if the oscillator manufacturer's data sheet specifies that a feedback resistor be added external to the chip though a feedback resistor exists on-chip, insert a feedback resistor between XIN and XOUT following the instruction. Rd (Note) VCC VSS XCIN XCOUT XIN XOUT Open Open External oscillation circuit External oscillation circuit VCC VSS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |