Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 15Page - Renesas Technology Corp 7641 Datasheet HTML 16Page - Renesas Technology Corp 7641 Datasheet HTML 17Page - Renesas Technology Corp 7641 Datasheet HTML 18Page - Renesas Technology Corp 7641 Datasheet HTML 19Page - Renesas Technology Corp 7641 Datasheet HTML 20Page - Renesas Technology Corp 7641 Datasheet HTML 21Page - Renesas Technology Corp 7641 Datasheet HTML 22Page - Renesas Technology Corp 7641 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 2 of 113
7641 Group
REJ09B0336-0200
HARDWARE
DESCRIPTION
The 7641 group is the 8-bit microcomputer based on the 7600 series
core (740 family core compatible) technology.
The 7641 group is designed for PC peripheral devices, including the
USB, DMAC, Serial I/O, UART, Timer, Master CPU bus interface and
so on.
FEATURES
<Microcomputer mode)
qBasic machine-language instructions ....................................... 71
qMinimum instruction execution time ..................................... 83 ns
(at 24 MHz oscillation frequency)
qMemory size
ROM ............................................................................. 32 Kbytes
RAM ................................................................................ 1 Kbytes
qProgrammable input/output ports ............................................. 66
qSoftware pull-up resistors .................................................. Built-in
qInterrupts ................................................... 24 sources, 24 vectors
(external 5 including Key input, internal 18, software 1)
qUSB function control unit
Transceiver ............................... Full-Speed USB2.0 specification
qTimers ..................................................... 16-bit ✕ 2 (Timers X, Y)
8-bit ✕ 3 (Timers 1, 2, 3)
qSerial Interface
Serial I/O ......................................................................... 8-bit ✕ 1
UART .............................................................................. 8-bit ✕ 2
qDMAC .......................................................................... 2 channels
qMaster CPU bus interface ................................................. 2 bytes
qSpecial count source generator ...................................... 8-bit ✕ 1
qClock generating circuit ..................................................... Built-in
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
At 24 MHz oscillation frequency,
φ = 12 MHz ......... 4.15 to 5.25 V
At 24 MHz oscillation frequency,
φ = 6 MHz ........... 3.00 to 3.60 V
qOperating temperature range .................................... –20 to 70°C
qPackages
FP ................................................ PRQP0080GB-A (80-pin QFP)
HP ............................................... PLQP0080KB-A (80-pin LQFP)
<Flash memory mode>
qPower source voltage
At 24 MHz oscillation frequency,
φ = 12 MHz ......... 4.15 to 5.25 V
At 24 MHz oscillation frequency,
φ = 6 MHz ........... 3.00 to 3.60 V
qProgram/Erase voltage
.................................. VCC = 4.50 V to 5.25 V, or 3.00 V to 3.60 V
.................................................................. VPP = 4.50 V to 5.25 V
At 24 MHz oscillation frequency,
φ = 6 MHz (See Table 10.)
qMemory size
Flash ROM .................................................................... 32 Kbytes
RAM ............................................................................. 2.5 Kbytes
qFlash memory mode ....................................................... 3 modes
Parallel I/O mode
Standard serial I/O mode
CPU rewrite mode
qProgramming method ....................... Programming in unit of byte
qErasing method
Batch erasing
Block erasing
qProgram/Erase control by software command
qCommand number ................................................... 6 commands
qNumber of times for programming/erasing ............................. 100
qROM code protection
Available in parallel I/O mode and standard serial I/O mode
qOperating temperature range (at programming/erasing) ..............
...................................................................... Normal temperature
APPLICATION
Audio, musical instrument, printer, scanner, modem, other PC periph-
eral devices
sNotes
The flash memory version cannot be used for application embedded
in the MCU card.
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com