Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 218Page - Renesas Technology Corp 7641 Datasheet HTML 219Page - Renesas Technology Corp 7641 Datasheet HTML 220Page - Renesas Technology Corp 7641 Datasheet HTML 221Page - Renesas Technology Corp 7641 Datasheet HTML 222Page - Renesas Technology Corp 7641 Datasheet HTML 223Page - Renesas Technology Corp 7641 Datasheet HTML 224Page - Renesas Technology Corp 7641 Datasheet HTML 225Page - Renesas Technology Corp 7641 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 91 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.5 DMAC
Address direction
Source
Destination
Forward
Backward
Table 2.5.2 Address directions and examples of transfer result (2)
Data arrangement on
transfer source memory
Backward
Fixed
Transfer
sequence
Data arrangement on
transfer destination memory
(Ttransfer result)
Backward
Forward
Data 6
*
Data 5
Data 4
Data 3
Data 2
Data 1
➀
➁
➂
➃
➄
➅
*
Data 1
Data 2
Data 3
Data 4
Data 5
Data 6
Data 1 to 6
*
➀
➁
➂
➃
➄
➅
*
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Backward
Backward
Data 6
*
Data 5
Data 4
Data 3
Data 2
Data 1
➀
➁
➂
➃
➄
➅
*
Data 1
Data 2
Data 3
Data 4
Data 5
Data 6
*
Data 1
Data 2
Data 3
Data 4
Data 5
Data 6
➀
➁
➂
➃
➄
➅
Data 6
*
Data 5
Data 4
Data 3
Data 2
Data 1
Data 1
Data 2
Data 3
Data 4
Data 5
Data 6
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
(4) Transfer suspension
Writing “0” to the DMAC channel x enable bit (DxCEN) can compulsorily suspend the transfer being
executed. The suspended transfer can be resumed by writing “1” to the DxCEN bit.
When an interrupt request, which is enabled, occurs during any DMA operation, the transfer operation
is suspended and the interrupt process routine is initiated. During the interrupt operation, the DMAC
automatically sets the corresponding DMAC channel x suspend flag to “1”. When the DMAC transfer
suspend control bit (DTSC) is “1”, the transfer is suspended in both burst transfer and cycle steal
transfer modes during an interrupt process; when the DTSC bit is “0”, it is suspended in only burst
transfer mode.
The suspended transfer due to the interrupt can also be resumed during its interrupt process routine
by writing “1” to the DxCEN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com