Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 291Page - Renesas Technology Corp 7641 Datasheet HTML 292Page - Renesas Technology Corp 7641 Datasheet HTML 293Page - Renesas Technology Corp 7641 Datasheet HTML 294Page - Renesas Technology Corp 7641 Datasheet HTML 295Page - Renesas Technology Corp 7641 Datasheet HTML 296Page - Renesas Technology Corp 7641 Datasheet HTML 297Page - Renesas Technology Corp 7641 Datasheet HTML 298Page - Renesas Technology Corp 7641 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 16 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.1 Electrical characteristics
Fig. 3.1.1 Circuit for measuring output switching
characteristics (1)
Notes 1: Test conditions: IOHL =
± 5mA, CL = 50 pF
2: twL(RD) = ((n + 0.5) • tc(PHI)) – 5 ns (n = wait number)
twL(WR) = ((n + 0.5) • tc(PHI)) – 5 ns (n = wait number)
For example, two software waits, PHI = 12 MHz operating
twL(RD) = 2.5 • tc(PHI) – 5 ns = 203.33 ns
Fig. 3.1.2 Circuit for measuring output switching
characteristics (2)
Measurement output pin
100
pF
CMOS output
N-channel open-drain output (Note)
1 k
Ω
100 pF
Measurement output pin
Note: This diagram applies when bit 7 of the serial I/O control
register 1 is “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com