Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 311Page - Renesas Technology Corp 7641 Datasheet HTML 312Page - Renesas Technology Corp 7641 Datasheet HTML 313Page - Renesas Technology Corp 7641 Datasheet HTML 314Page - Renesas Technology Corp 7641 Datasheet HTML 315Page - Renesas Technology Corp 7641 Datasheet HTML 316Page - Renesas Technology Corp 7641 Datasheet HTML 317Page - Renesas Technology Corp 7641 Datasheet HTML 318Page - Renesas Technology Corp 7641 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 36 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.3 Notes on use
3.3.6 Notes on frequency synthesizer
•Bits 6 and 5 of the frequency synthesizer control register (address 006C16) are initialized to (b6, b5) = “11”
after reset release. Make sure to set bits 6 and 5 to “10” after the frequency synthesizer lock status bit
goes to “1”.
•Use the frequency synthesizer output clocks 2 ms to 5 ms later than setting the frequency synthesizer
enable bit to “1” (enabled). After that do not change any register values because it might cause output
clocks unstabilized temporarily.
•Make sure to connect a low-pulse filter to the LPF pin when using the frequency synthesizer.
•The frequency synthesizer divide register set value never affects fUSB frequency.
•When using the fSYN as an internal system clock, set the frequency synthesizer divide register so that fSYN
could be 24 MHz or less.
•When using the frequency synthesized clock function, we recommend using the fastest frequency possible
of f(XIN) or f(XCIN) as an input clock for the PLL.
•Set the value of frequency synthesizer multiply register 2 (FSM2) so that the fPIN is 1 MHZ or higher.
3.3.7 Notes on master CPU bus interface
Be sure to set port P6 to input mode by setting the port P6 direction register to “0” when the master CPU
bus interface is enabled.
3.3.8 Notes on external devices connection
(1) Rewrite port P3 latch
In both memory expansion mode and microprocessor mode, ports P31 and P32 can be used as output
ports. We recommend to use the LDM instruction or STA instruction to write to port P3 register
(address 000E16). If using the Read-Modify-Write instruction (SEB instruction, CLB instruction) you
will need to map a memory that the CPU can read from and write to.
[Reason]
The access to address 000E16 is performed:
•Read from external memory
•Write to both port P3 latch and external memory.
It is because address 000E16 is assigned on an external area In the memory expansion mode and
microprocessor mode.
Accordingly, if a Read-Modify-Write instruction is executed to address 000E16, the external memory
contents is read out and after its modification it will be written into both port P3 latch and an external
memory. As a result, if an external memory is not allocated in address 000E16 then, the MCU will read
an undefined value and write its modified value into the port P3 latch. Therefore port P3 latch value
will become undefined.
(2) overlap of internal and external memories
In the memory expansion mode, if the internal and external memory areas overlap, the internal
memory becomes the valid memory for the overlapping area. When the CPU performs a read or a
write operation on this overlapped area, the following things happen:
•Read
The CPU reads out the data in the internal memory instead of in the external memory. Note that,
since the CPU will output a proper read signal, address signal, etc., the memory data at the
respective address will appear on the external data bus.
•Write
The CPU writes data to both the internal and external memories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com