Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 316Page - Renesas Technology Corp 7641 Datasheet HTML 317Page - Renesas Technology Corp 7641 Datasheet HTML 318Page - Renesas Technology Corp 7641 Datasheet HTML 319Page - Renesas Technology Corp 7641 Datasheet HTML 320Page - Renesas Technology Corp 7641 Datasheet HTML 321Page - Renesas Technology Corp 7641 Datasheet HTML 322Page - Renesas Technology Corp 7641 Datasheet HTML 323Page - Renesas Technology Corp 7641 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 41 of 108
7641 Group
REJ09B0336-0200
APPENDIX
3.3 Notes on use
➁ How to reference the processor status register
To reference the contents of the processor status register (PS), execute the PHP instruction once
then read the contents of (S+1). If necessary, execute the PLP instruction to return the PS to its
original status. A NOP instruction should be executed after every PLP instruction.
Be sure to execute the SEI instruction before the PLP instruction. If executing the CLI instruction,
do it after the NOP instruction
Fig. 3.3.7 Stack memory contents after PHP
instruction execution
Fig. 3.3.6 Sequence of PLP instruction execution
PLP instruction execution
↓
NOP
(S)
(S)+1
Stored PS
(2) BRK Instruction
It can be detected that the BRK instruction interrupt event or the least priority interrupt event by
referring the stored B flag state. Refer to the stored B flag state in the interrupt routine.
(3) Decimal Calculations
When decimal mode is selected, the values of the V flags are invalid.
The carry flag (C) is set to “1” if a carry is generated as a result of the calculation, or is cleared to
“0” if a borrow is generated. To determine whether a calculation has generated a carry, the C flag
must be initialized to “0” before each calculation. To check for a borrow, the C flag must be initialized
to “1” before each calculation.
(4) Multiplication and Division Instructions
The index X mode (T) and the decimal mode (D) flags do not affect the MUL and DIV instruction.
(5) Instruction Execution Time
The instruction execution time is obtained by multiplying the frequency of the internal clock
φ by the
number of cycles needed to execute an instruction.
The number of cycles required to execute an instruction is shown in the list of machine instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com