| Electronic Components Datasheet Search |
|
SH7018 Datasheet(PDF) 335 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7018 Datasheet(HTML) 335 Page - Renesas Technology Corp |
|
335 / 431 page ![]() 319 User Program Mode Figure 16.4 illustrates overwrite operation in the user program mode. For more information on the user program mode, see 16.6.2, User Program Mode. Flash memory SH7018 RAM Host Programming/ erase control program SCI1 Boot program New application program Flash memory SH7018 RAM Host SCI1 New application program Flash memory SH7018 RAM Host SCI1 Flash memory erase Boot program New application program Flash memory SH7018 Program execution state RAM Host SCI1 Boot program Boot program FWP assessment program Application program (old version) New application program 1. Initial state The FWP assessment program that confirms that user program mode has been entered, and the program that will transfer the programming/erase control program from flash memory to on-chip RAM should be written into the flash memory by the user beforehand. The programming/erase control program should be prepared in the host or in the flash memory. 2. Programming/erase control program transfer When user program mode is entered, user software confirms this fact, executes transfer program in the flash memory, and transfers the programming/erase control program to RAM. 3. Flash memory initialization The programming/erase program in RAM is executed, and the flash memory is initialized (to H'FF). Erasing can be performed in block units, but not in byte units. 4. Writing new application program Next, the new application program in the host is written into the erased flash memory blocks. Do not write to unerased blocks. Programming/ erase control program Programming/ erase control program Programming/ erase control program Transfer program Application program (old version) Transfer program FWP assessment program FWP assessment program Transfer program Transfer program FWP assessment program Figure 16.4 Example of Overwrite Operation in the User Program Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |