Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 366Page - Renesas Technology Corp SH7018 Datasheet HTML 367Page - Renesas Technology Corp SH7018 Datasheet HTML 368Page - Renesas Technology Corp SH7018 Datasheet HTML 369Page - Renesas Technology Corp SH7018 Datasheet HTML 370Page - Renesas Technology Corp SH7018 Datasheet HTML 371Page - Renesas Technology Corp SH7018 Datasheet HTML 372Page - Renesas Technology Corp SH7018 Datasheet HTML 373Page - Renesas Technology Corp SH7018 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 431 page
background image
354
16.8.2
Software Protection
Software protection can be implemented by setting the SWE bit in flash memory control register 1
(FLMCR1), the RAMS bit in erase block register 1 (EBR1), erase block register 2 (EBR2), and
RAM emulation register (RAMER). When software protection is in effect, setting the P or E bit in
flash memory control register 1 (FLMCR1) does not cause a transition to program mode or erase
mode. (See table 16.9.)
Table 16.9
Software Protection
Functions
Item
Description
Program
Erase
SWE bit protection
• Clearing the SWE bit to 0 in FLMCR1 sets
the program/erase-protected state for all
blocks.
(Execute in on-chip RAM or external
memory.)
Yes
Yes
Block specification
protection
• Erase protection can be set for individual
blocks by settings in erase block register 1
(EBR1) and erase block register 2 (EBR2).
• Setting EBR1 and EBR2 to H'00 places all
blocks in the erase-protected state.
—
Yes
Emulation protection •
Setting the RAMS bit to 1 in the RAM
emulation register (RAMER) places all
blocks in the program/erase-protected
state.
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com