Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 389Page - Renesas Technology Corp SH7018 Datasheet HTML 390Page - Renesas Technology Corp SH7018 Datasheet HTML 391Page - Renesas Technology Corp SH7018 Datasheet HTML 392Page - Renesas Technology Corp SH7018 Datasheet HTML 393Page - Renesas Technology Corp SH7018 Datasheet HTML 394Page - Renesas Technology Corp SH7018 Datasheet HTML 395Page - Renesas Technology Corp SH7018 Datasheet HTML 396Page - Renesas Technology Corp SH7018 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 431 page
background image
377
18.2
Standby Control Register (SBYCR)
The standby control register (SBYCR) is a read/write 8-bit register that sets the transition to
standby mode, and the port status in standby mode. The SBYCR is initialized to H'1F when reset.
Bit:
7
6
5
4
3
2
1
0
SBY
HIZ
—
—
—
—
—
—
Initial value:
0
0
0
1
1
1
1
1
R/W:
R/W
R/W
R
R
R
R
R
R
• Bit 7—Standby (SBY): Specifies transition to the standby mode. The SBY bit cannot be set to
1 while the watchdog timer is running (when the timer enable bit (TME) of the WDT timer
control/status register (TCSR) is set to 1). To enter the standby mode, always halt the WDT by
0 clearing the TME bit, then set the SBY bit.
Bit 7: SBY
Description
0
Executing SLEEP instruction puts the LSI into sleep mode
(Initial value)
1
Executing SLEEP instruction puts the LSI into standby mode
• Bit 6—Port High Impedance (HIZ): In the standby mode, this bit selects whether to set the I/O
port pin to high impedance or hold the pin status. The HIZ bit cannot be set to 1 when the TME
bit of the WDT timer control/status register (TCSR) is set to 1. When making the I/O port pin
status high impedance, always clear the TME bit to 0 before setting the HIZ bit.
Bit 6: HIZ
Description
0
Holds pin status while in standby mode
(Initial value)
1
Keeps pin at high impedance while in standby mode
• Bits 5 to 0—Reserved: Bit 5 is always reads as 0. The write value should always be 0. Bits 4 to
0 are always read as 1. The write value should always be 0.
18.3
Sleep Mode
18.3.1
Transition to Sleep Mode
Executing the SLEEP instruction when the SBY bit of SBYCR is 0 causes a transition from the
program execution state to the sleep mode. Although the CPU halts immediately after executing
the SLEEP instruction, the contents of its internal registers remain unchanged. The on-chip
peripheral modules continue to run during the sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com