Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 388Page - Renesas Technology Corp SH7018 Datasheet HTML 389Page - Renesas Technology Corp SH7018 Datasheet HTML 390Page - Renesas Technology Corp SH7018 Datasheet HTML 391Page - Renesas Technology Corp SH7018 Datasheet HTML 392Page - Renesas Technology Corp SH7018 Datasheet HTML 393Page - Renesas Technology Corp SH7018 Datasheet HTML 394Page - Renesas Technology Corp SH7018 Datasheet HTML 395Page - Renesas Technology Corp SH7018 Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 431 page
background image
376
Table 18.1
Power-Down State Conditions
State
Mode
Entering
Procedure
Clock CPU
On-Chip
Peripheral
Modules
CPU
Registers RAM
I/O
Ports
Canceling
Procedure
Sleep
Execute SLEEP
instruction with
SBY bit set to 0
in SBYCR
Run
Halt
Run
Held
Held
Held
• Interrupt
• DMAC
address error
• Power-on
reset
Stand-
by
Execute SLEEP
instruction with
SBY bit set to 1
in SBYCR
Halt
Halt
Halt*
1
Held
Held
Held or
high
impe-
dance*
2
• NMI interrupt
• Power-on
reset
SBYCR: standby control register.
SBY: standby bit
Notes: 1. Some bits within on-chip peripheral module registers are initialized by the standby
mode; some are not. Refer to table 18.3, Register States in the Standby Mode, in
section 18.4.1, Transition to Standby Mode. Also refer to the register descriptions for
each peripheral module.
2. The status of the I/O port in standby mode is set by the port high impedance bit (HIZ) of
the SBYCR. Refer to section 18.2, Standby Control Register (SBYCR). For pin status
other than for the I/O port, refer to Appendix B, Pin Status.
18.1.2
Related Register
Table 18.2 shows the register used for power-down state control.
Table 18.2
Related Register
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Standby control register
SBYCR
R/W
H'1F
H'FFFF8614
8, 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com