Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 419Page - Renesas Technology Corp SH7018 Datasheet HTML 420Page - Renesas Technology Corp SH7018 Datasheet HTML 421Page - Renesas Technology Corp SH7018 Datasheet HTML 422Page - Renesas Technology Corp SH7018 Datasheet HTML 423Page - Renesas Technology Corp SH7018 Datasheet HTML 424Page - Renesas Technology Corp SH7018 Datasheet HTML 425Page - Renesas Technology Corp SH7018 Datasheet HTML 426Page - Renesas Technology Corp SH7018 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 431 page
background image
407
Table A.1
On-Chip Peripheral Module Registers (cont)
Address
Register
Bit Names
H'FFFFxxxx Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Module
8386
PAIORL
PA15IOR PA14IOR —
PA12IOR PA11IOR PA10IOR PA9IOR
PA8IOR
PFC
Port A
8387
PA7IOR
PA6IOR
PA5IOR
PA4IOR
PA3IOR
PA2IOR
PA1IOR
PA0IOR
838C
PACRL1
—
PA15MD —
PA14MD —
—
—
PA12MD
838D
—
PA11MD —
PA10MD PA9MD1 PA9MD0 PA8MD1 PA8MD0
838E
PACRL2
PA7MD1 PA7MD0 PA6MD1 PA6MD0 —
PA5MD
—
PA4MD
838F
—
PA3MD
PA2MD1 PA2MD0 ————
8390
PBDR
——————
PB9DR
PB8DR
I/O
Port B
8391
PB7DR
PB6DR
PB5DR
PB4DR
PB3DR
PB2DR
PB1DR
PB0DR
8394
PBIOR
——————
PB9IOR
PB8IOR
PFC
8395
PB7IOR
PB6IOR
PB5IOR
PB4IOR
PB3IOR
PB2IOR
PB1IOR
PB0IOR
8398
PBCR1
————————
8399
————
PB9MD1 PB9MD0 PB8MD1 PB8MD0
839A
PBCR2
PB7MD1 PB7MD0 PB6MD1 PB6MD0 ————
839B
—
PB3MD
—
—
—
PB1MD
—
PB0MD
8392
PCDR
PC15DR PC14DR PC13DR PC12DR PC11DR PC10DR PC9DR
PC8DR
I/O
Port C
8393
PC7DR
PC6DR
PC5DR
PC4DR
PC3DR
PC2DR
PC1DR
PC0DR
8396
PCIOR
PC15IOR PC14IOR PC13IOR PC12IOR PC11IOR PC10IOR PC9IOR
PC8IOR
PFC
8397
PC7IOR
PC6IOR
PC5IOR
PC4IOR
PC3IOR
PC2IOR
PC1IOR
PC0IOR
839C
PCCR
PC15MD PC14MD PC13MD PC12MD PC11MD PC10MD PC9MD
PC8MD
839D
PC7MD
PC6MD
PC5MD
PC4MD
PC3MD
PC2MD
PC1MD
PC0MD
83A2
PDDRL
————————I/O
Port D
83A3
PD7DR
PD6DR
PD5DR
PD4DR
PD3DR
PD2DR
PD1DR
PD0DR
83A6
PDIORL
PD15IOR PD14IOR PD13IOR PD12IOR PD11IOR PD10IOR PD9IOR
PD8IOR
TFC
83A7
PD7IOR
PD6IOR
PD5IOR
PD4IOR
PD3IOR
PD2IOR
PD1IOR
PD0IOR
83AC
PDCRL
————————
83AD
PD7MD
PD6MD
PD5MD
PD4MD
PD3MD
PD2MD
PD1MD
PD0MD
83B0
PEDR
—
PE14DR PE13DR PE12DR ————I/O
Port E
83B1
PE7DR
PE6DR
PE5DR
PE4DR
—
PE2DR
—
PE0DR
83B3
PFDR
PF7DR
PF6DR
PF5DR
PF4DR
PF3DR
PF2DR
PF1DR
PF0DR
I/O
Port F
83B4
PEIOR
PE15IOR PE14IOR PE13IOR PE12IOR PE11IOR PE10OR PE9IOR
PE8IOR
PFC
Port E
83B5
PE7IOR
PE6IOR
PE5IOR
PE4IOR
PE3IOR
PE2IOR
PE1IOR
PE0IOR
83BA
PECR2
—
PE7MD
—
PE6MD
—
PE5MD
—
PE4MD
83BB
—
—
—
PE2MD0 —
—
—
PE0MD0
83D0
CMSTR
————————All
CMT
83D1
——————
STR1
STR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com