Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 417Page - Renesas Technology Corp SH7018 Datasheet HTML 418Page - Renesas Technology Corp SH7018 Datasheet HTML 419Page - Renesas Technology Corp SH7018 Datasheet HTML 420Page - Renesas Technology Corp SH7018 Datasheet HTML 421Page - Renesas Technology Corp SH7018 Datasheet HTML 422Page - Renesas Technology Corp SH7018 Datasheet HTML 423Page - Renesas Technology Corp SH7018 Datasheet HTML 424Page - Renesas Technology Corp SH7018 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 431 page
background image
405
Appendix A On-Chip Peripheral Module Registers
Table A.1
On-Chip Peripheral Module Registers
Address
Register
Bit Names
H'FFFFxxxx Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Module
81B0
SMR1
C/
A
CHR
PE
O/E
STOP
MP
CKS1
CKS0
SCI1
81B1
BRR1
81B2
SCR1
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
81B3
TDR1
81B4
SSR1
TDRE
RDRF
ORER
FER
PER
TEND
MPB
MPBT
81B5
RDR1
8240
TSTR
—————
CST2
CST1
CST0
All
MTU
8241
TSYR
—————
SYNC2
SYNC1
SYNC0
8260
TCR0
CCLR2
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
ch0
8261
TMDR0
—
—
BFB
BFA
MD3
MD2
MD1
MD0
8262
TIOR0H
—
IOB2
IOB2
IOB1
IOA3
IOA2
IOA1
IOA0
8263
TIOR0L
—
IOD2
IOD1
IOD0
IOC3
IOC2
IOC1
IOC0
8264
TIER0
TTGE
—
—
TCIEV
TGIED
TGIEC
TGIEB
TGIEA
8265
TSR0
—
—
—
TCFV
TGFD
TGFC
TGFB
TGFA
8266
TCNT0
8267
8268
TGR0A
8269
826A
TGR0B
826B
826C
TGR0C
826D
826E
TGR0D
826F
8280
TCR1
—
CCLR1
CCLR0
CKEG1
CKEG0
TPSC2
TPSC1
TPSC0
ch1
8281
TMDR1
————MD3
MD2
MD1
MD0
8282
TIOR1
IOB3
IOB2
IOB1
IOB0
IOA3
IOA2
IOA1
IOA0
8284
TIER1
TTGE
—
—
TCIEV
—
—
TGIEB
TGIEA
8285
TSR1
—
—
—
TCFV
—
—
TGFB
TGFA
8286
TCNT1
8287
8288
TGR1A
8289



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com