Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 413Page - Renesas Technology Corp SH7018 Datasheet HTML 414Page - Renesas Technology Corp SH7018 Datasheet HTML 415Page - Renesas Technology Corp SH7018 Datasheet HTML 416Page - Renesas Technology Corp SH7018 Datasheet HTML 417Page - Renesas Technology Corp SH7018 Datasheet HTML 418Page - Renesas Technology Corp SH7018 Datasheet HTML 419Page - Renesas Technology Corp SH7018 Datasheet HTML 420Page - Renesas Technology Corp SH7018 Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 431 page
background image
401
19.3.8
Test Conditions for AC Characteristics
Input Reference Levels: High: 2.2 V, low: 0.8 V
Output Reference Levels: High: 2.0 V, low: 0.8 V
IOL
LSI output pin
DUT output
Vref
CL
IOH
CL is the total value including the capacitance of the testing jig. The settings for the different pins
are as follows.
30 pF: CK,
CS0 to CS3
50 pF: A21 to A0, D7 to D0,
RD, WRL
70 pF: Port output pins other than those listed above and peripheral module output pins.
IOL, IOH: Capacitance values are listed in section 19.2, DC Characteristics and table 19.3,
Permissible Output Current Values.
Figure 19.14 Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com