Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 414Page - Renesas Technology Corp SH7018 Datasheet HTML 415Page - Renesas Technology Corp SH7018 Datasheet HTML 416Page - Renesas Technology Corp SH7018 Datasheet HTML 417Page - Renesas Technology Corp SH7018 Datasheet HTML 418Page - Renesas Technology Corp SH7018 Datasheet HTML 419Page - Renesas Technology Corp SH7018 Datasheet HTML 420Page - Renesas Technology Corp SH7018 Datasheet HTML 421Page - Renesas Technology Corp SH7018 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 431 page
background image
402
19.4
A/D Converter Characteristics
Table 19.11 A/D Converter Characteristics
Conditions: V
CC = 3.0 to 3.6 V, AVCC = 3.0 to 3.6 V, AVCC ≥ VCC, VSS = AVSS = 0 V,
Ta = –20 to +75°C, CKS = 0
20.0MHz
Item
Min
Typ
Max
Unit
Resolution
10
10
10
Bits
Conversion time
——
13.4
µs
Analog input capacitance
——
20
pF
Permissible signal source impedance
——
1k
Ω
Nonlinearity error
——
±5*
LSB
Offset error
——
±5*
LSB
Full-scale error
——
±5*
LSB
Quantization error
——
±0.5*
LSB
Absolute accuracy
——
±6
LSB
Note: * Reference values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com