Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 429 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 423Page - Renesas Technology Corp SH7018 Datasheet HTML 424Page - Renesas Technology Corp SH7018 Datasheet HTML 425Page - Renesas Technology Corp SH7018 Datasheet HTML 426Page - Renesas Technology Corp SH7018 Datasheet HTML 427Page - Renesas Technology Corp SH7018 Datasheet HTML 428Page - Renesas Technology Corp SH7018 Datasheet HTML 429Page - Renesas Technology Corp SH7018 Datasheet HTML 430Page - Renesas Technology Corp SH7018 Datasheet HTML 431Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 429 / 431 page
background image
413
Appendix D Package Dimensions
Figure D.1 shows the TFP-100B package dimensions of the SH7018.
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TFP-100B
—
Conforms
0.5 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
16.0
± 0.2
14
0.08
0.10
0.5
± 0.1
0
° – 8°
75
51
125
76
100
26
50
M
*0.22
± 0.05
1.0
1.0
0.20
± 0.04
Figure D.1 Package Dimensions (TFP-100B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com