Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 138Page - Renesas Technology Corp SH7018 Datasheet HTML 139Page - Renesas Technology Corp SH7018 Datasheet HTML 140Page - Renesas Technology Corp SH7018 Datasheet HTML 141Page - Renesas Technology Corp SH7018 Datasheet HTML 142Page - Renesas Technology Corp SH7018 Datasheet HTML 143Page - Renesas Technology Corp SH7018 Datasheet HTML 144Page - Renesas Technology Corp SH7018 Datasheet HTML 145Page - Renesas Technology Corp SH7018 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 431 page
background image
126
Compare-Match Waveform Output Function: The MTU can output 0 level, 1 level, or toggle
output from the corresponding output pins upon compare-matches.
Procedure for selecting the compare-match waveform output operation (figure 8.9):
1. Set the TIOR to select 0 output or 1 output for the initial value, and 0 output, 1 output, or
toggle output for compare-match output. The TIOC pin will output the set initial value until the
first compare-match occurs.
2. Set a value in the TGR to select the compare-match timing.
3. Set the CST bit in the TSTR to 1 to start counting.
Output selection
Select waveform
output mode
Select
output timing
Start counting
(1)
(2)
(3)
Figure 8.9 Procedure for Selecting Compare Match Waveform Output Operation
Waveform Output Operation (0 Output/1 Output): Figure 8.10 shows 0 output/1 output. In the
example, TCNT is a free-running counter, 1 is output upon compare-match A and 0 is output upon
compare-match B. When the pin level matches the set level, the pin level does not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com