Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 512 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 512 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 508Page - Renesas Technology Corp SH7052 Datasheet HTML 509Page - Renesas Technology Corp SH7052 Datasheet HTML 510Page - Renesas Technology Corp SH7052 Datasheet HTML 511Page - Renesas Technology Corp SH7052 Datasheet HTML 512Page - Renesas Technology Corp SH7052 Datasheet HTML 513Page - Renesas Technology Corp SH7052 Datasheet HTML 514Page - Renesas Technology Corp SH7052 Datasheet HTML 515Page - Renesas Technology Corp SH7052 Datasheet HTML 516Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 919 page
background image
486
Transmitting and Receiving Data
SCI Initialization (Synchronous Mode): Before transmitting or receiving, software must clear
the TE and RE bits to 0 in the serial control register (SCR), then initialize the SCI as follows.
When changing the mode or communication format, always clear the TE and RE bits to 0 before
following the procedure given below. Clearing TE to 0 sets TDRE to 1 and initializes the transmit
shift register (TSR). Clearing RE to 0, however, does not initialize the RDRF, PER, FER, and
ORER flags and receive data register (RDR), which retain their previous contents.
Figure 14.18 is a sample flowchart for initializing the SCI.
1. Select the clock source in the serial control register (SCR). Leave RIE, TIE, TEIE, MPIE, TE,
and RE cleared to 0.
2. Select the communication format in the serial mode register (SMR) and serial direction control
register (SDCR).
3. Write the value corresponding to the bit rate in the bit rate register (BRR) (unless an external
clock is used).
4. Wait for at least the interval required to transmit or receive one bit, then set TE or RE in the
serial control register (SCR) to 1.* Also set RIE, TIE, TEIE, and MPIE. The TxD, RxD pins
becomes usable in response to the PFC corresponding bits and the TE, RE bit settings.
Note: * In simultaneous transmit/receive operation, the TE bit and RE bit must be cleared to 0 or
set to 1 simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com