Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 513 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 509Page - Renesas Technology Corp SH7052 Datasheet HTML 510Page - Renesas Technology Corp SH7052 Datasheet HTML 511Page - Renesas Technology Corp SH7052 Datasheet HTML 512Page - Renesas Technology Corp SH7052 Datasheet HTML 513Page - Renesas Technology Corp SH7052 Datasheet HTML 514Page - Renesas Technology Corp SH7052 Datasheet HTML 515Page - Renesas Technology Corp SH7052 Datasheet HTML 516Page - Renesas Technology Corp SH7052 Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 919 page
background image
487
Start of initialization
Clear TE and RE bits to 0 in SCR
1-bit interval elapsed?
Set TE and RE to 1 in SCR;
Set RIE, TIE, TEIE, and MPIE bits
Yes
No
1
Set CKE1 and CKE0 bits in SCR
(RIE, TIE, TEIE, MPIE,TE,
and RE are 0)
End of initialization
Wait
Select transmit/receive
format in SMR and SDCR
Set value in BRR
2
3
4
Figure 14.18 Sample Flowchart for SCI Initialization
Transmitting Serial Data (Synchronous Mode): Figure 14.19 shows a sample flowchart for
transmitting serial data. The procedure is as follows (the steps correspond to the numbers in the
flowchart):
1. SCI initialization: Set the TxD pin function with the PFC.
2. SCI status check and transmit data write: Read SSR, check that the TDRE flag is 1, then write
transmit data in TDR and clear the TDRE flag to 0.
3. To continue transmitting serial data: After checking that the TDRE flag is 1, indicating that
data can be written, write data in TDR, then clear the TDRE flag to 0. When the DMAC is
activated by a transmit-data-empty interrupt request (TXI) to write data in TDR, the TDRE
flag is checked and cleared automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com