Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 543 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 543 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 539Page - Renesas Technology Corp SH7052 Datasheet HTML 540Page - Renesas Technology Corp SH7052 Datasheet HTML 541Page - Renesas Technology Corp SH7052 Datasheet HTML 542Page - Renesas Technology Corp SH7052 Datasheet HTML 543Page - Renesas Technology Corp SH7052 Datasheet HTML 544Page - Renesas Technology Corp SH7052 Datasheet HTML 545Page - Renesas Technology Corp SH7052 Datasheet HTML 546Page - Renesas Technology Corp SH7052 Datasheet HTML 547Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 919 page
background image
517
15.2.10
Remote Request Register (RFPR)
The remote request register (RFPR) is a 16-bit readable/writable register containing status flags
that indicate normal reception of remote frames in mailboxes (buffers). When a bit in this register
is set, the corresponding bit in the receive complete register (RXPR) is also set.
Bit:
15
14
13
12
11
10
9
8
RFPR7
RFPR6
RFPR5
RFPR4
RFPR3
RFPR2
RFPR1
RFPR0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
RFPR15 RFPR14 RFPR13 RFPR12 RFPR11 RFPR10
RFPR9
RFPR8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15 to 0—Remote Request Register (RFPR7 to 0, RFPR15 to 8): These bits indicate that a
remote frame has been received normally in the corresponding mailbox (buffer).
Bit x: RFPRx
Description
0
[Clearing condition]
Writing 1
(Initial value)
1
Completion of remote frame reception in corresponding mailbox
15.2.11
Interrupt Register (IRR)
The interrupt register (IRR) is a 16-bit readable/writable register containing status flags for the
various interrupt sources.
Bit:
15
14
13
12
11
10
9
8
IRR7
IRR6
IRR5
IRR4
IRR3
IRR2
IRR1
IRR0
Initial value:
0
0
0
0
0
0
0
1
R/W:
R/W
R/W
R/W
R/W
R/W
R
R
R/W
Bit:
7
6
5
4
3
2
1
0
——
—
IRR12
——
IRR9
IRR8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R/W
R
R
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com