Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 546 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 546 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 542Page - Renesas Technology Corp SH7052 Datasheet HTML 543Page - Renesas Technology Corp SH7052 Datasheet HTML 544Page - Renesas Technology Corp SH7052 Datasheet HTML 545Page - Renesas Technology Corp SH7052 Datasheet HTML 546Page - Renesas Technology Corp SH7052 Datasheet HTML 547Page - Renesas Technology Corp SH7052 Datasheet HTML 548Page - Renesas Technology Corp SH7052 Datasheet HTML 549Page - Renesas Technology Corp SH7052 Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 919 page
background image
520
• Bit 8—Reset Interrupt Flag (IRR0): Status flag indicating that the HCAN module has been
reset. This bit cannot be masked in the interrupt mask register (IMR). If this bit is not cleared
after a power-on reset or a transition to software standby mode, the program will jump to the
interrupt vector as soon as interrupts are enabled by the interrupt controller.
Bit 8: IRR0
Description
0
[Clearing condition]
Writing 1
1
Interrupt request by power-on reset or transition to software standby mode
(OVR)
(Initial value)
[Setting condition]
When reset processing is completed after power-on reset or software
standby mode transition
• Bits 7 to 5, 3, and 2—Reserved: These bits always read 0. The write value should always be 0.
• Bit 4—Bus Operation Interrupt Flag (IRR12): Status flag indicating detection of a dominant bit
due to bus operation when the HCAN module is in HCAN sleep mode.
Bit 4: IRR12
Description
0
CAN bus idle state
(Initial value)
[Clearing condition]
Writing 1
1
CAN bus operation in HCAN sleep mode
[Setting condition]
Bus operation (dominant bit detection) in HCAN sleep mode
• Bit 1—Unread Interrupt Flag (IRR9): Status flag indicating that a receive message has been
overwritten while still unread.
Bit 1: IRR9
Description
0
[Clearing condition]
Clearing of all bits in UMSR (unread message status register) (Initial value)
1
Unread message overwrite
[Setting condition]
When UMSR (unread message status register) is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com