Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 857 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 857 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 853Page - Renesas Technology Corp SH7052 Datasheet HTML 854Page - Renesas Technology Corp SH7052 Datasheet HTML 855Page - Renesas Technology Corp SH7052 Datasheet HTML 856Page - Renesas Technology Corp SH7052 Datasheet HTML 857Page - Renesas Technology Corp SH7052 Datasheet HTML 858Page - Renesas Technology Corp SH7052 Datasheet HTML 859Page - Renesas Technology Corp SH7052 Datasheet HTML 860Page - Renesas Technology Corp SH7052 Datasheet HTML 861Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 857 / 919 page
background image
831
24.3.5
Advanced Timer Unit Timing and Advance Pulse Controller Timing
Table 24.10 shows advanced timer unit timing and advanced pulse controller timing.
Table 24.10 Advanced Timer Unit Timing and Advanced Pulse Controller Timing
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V ±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to 85°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing flash EEPROM, T
a = –40°C to 85°C.
Item
Symbol
Min
Max
Unit
Figures
Output compare output delay time
t
TOCD
—
100
ns
Figure 24.11
Input capture input setup time
t
TICS
24*
1
24 + t
cyc
—
ns
PULS output delay time
t
PLSD
—
100
ns
Timer clock input setup time
t
TCKS
24*
1
24 + t
cyc
—
ns
Figure 24.12
Timer clock pulse width (single edge
specified)
t
TCKWH/L
3.0
—
t
cyc
Timer clock pulse width (both edges
specified)
t
TCKWH/L
5.0
—
t
cyc
[Operating precautions]
*1 The timer input signals and timer clock input signals are asynchronous, but judged to have
been changed at clock rise with two-state intervals shown in figures 24.11 and 24.12. If the
setup times shown here are not provided, recognition is delayed until the clock rise two states
after that timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com