Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 860 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 860 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 856Page - Renesas Technology Corp SH7052 Datasheet HTML 857Page - Renesas Technology Corp SH7052 Datasheet HTML 858Page - Renesas Technology Corp SH7052 Datasheet HTML 859Page - Renesas Technology Corp SH7052 Datasheet HTML 860Page - Renesas Technology Corp SH7052 Datasheet HTML 861Page - Renesas Technology Corp SH7052 Datasheet HTML 862Page - Renesas Technology Corp SH7052 Datasheet HTML 863Page - Renesas Technology Corp SH7052 Datasheet HTML 864Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 860 / 919 page
background image
834
24.3.7
Watchdog Timer Timing
Table 24.12 shows watchdog timer timing.
Table 24.12 Watchdog Timer Timing
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V ±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to 85°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing flash EEPROM, T
a = –40°C to 85°C.
Item
Symbol
Min
Max
Unit
Figures
WDTOVF delay time
t
WOVD
—
100
ns
Figure 24.14
tWOVD
tWOVD
VOH
VOH
CK
WDTOVF
Figure 24.14 Watchdog Timer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com