Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 864 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 864 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 860Page - Renesas Technology Corp SH7052 Datasheet HTML 861Page - Renesas Technology Corp SH7052 Datasheet HTML 862Page - Renesas Technology Corp SH7052 Datasheet HTML 863Page - Renesas Technology Corp SH7052 Datasheet HTML 864Page - Renesas Technology Corp SH7052 Datasheet HTML 865Page - Renesas Technology Corp SH7052 Datasheet HTML 866Page - Renesas Technology Corp SH7052 Datasheet HTML 867Page - Renesas Technology Corp SH7052 Datasheet HTML 868Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 919 page
background image
838
24.3.10
A/D Converter Timing
Table 24.15 shows A/D converter timing.
Table 24.15 A/D Converter Timing
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V ±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to 85°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing flash EEPROM, T
a = –40°C to 85°C.
CSK = 0:
fop = 20 to 40 MHz
CSK = 1:
fop = 20 MHz
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Figure
External trigger input
start delay time
t
TRGS
50
——
50
——
ns
Figure
24.18
A/D conversion
time
t
CONV
518
—
532
262
—
268
t
cyc
Figure
24.19
A/D conversion start
delay time
t
D
20
—
34
12
—
18
t
cyc
Input sampling time
t
SPL
—
128
——
64
t
cyc
CK
ADTRG input
ADCR
(ADST = 1 set)
4 to 6 states
tTRGS
VOH
Figure 24.18 External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com