Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 380Page - Renesas Technology Corp SH7243 Datasheet HTML 381Page - Renesas Technology Corp SH7243 Datasheet HTML 382Page - Renesas Technology Corp SH7243 Datasheet HTML 383Page - Renesas Technology Corp SH7243 Datasheet HTML 384Page - Renesas Technology Corp SH7243 Datasheet HTML 385Page - Renesas Technology Corp SH7243 Datasheet HTML 386Page - Renesas Technology Corp SH7243 Datasheet HTML 387Page - Renesas Technology Corp SH7243 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 1726 page
background image
Section 9 Bus State Controller (BSC)
Rev. 1.00 Jun. 26, 2008 Page 354 of 1692
REJ09B0393-0100
• Setting for Area 3
Burst read/single write (burst length 1):
Data Bus Width
CAS Latency
Access Address
External Address Pin
16 bits
2
H'FFFC5440
H'0000440
3
H'FFFC5460
H'0000460
Burst read/burst write (burst length 1):
Data Bus Width
CAS Latency
Access Address
External Address Pin
16 bits
2
H'FFFC5040
H'0000040
3
H'FFFC5060
H'0000060
Mode register setting timing is shown in figure 9.32. A PALL command (all bank pre-charge
command) is firstly issued. A REF command (auto refresh command) is then issued 8 times. An
MRS command (mode register write command) is finally issued. Idle cycles, of which number is
specified by the WTRP1 and WTRP0 bits in CS3WCR, are inserted between the PALL and the
first REF. Idle cycles, of which number is specified by the WTRC1 and WTRC0 bits in CS3WCR,
are inserted between REF and REF, and between the 8th REF and MRS. Idle cycles, of which
number is one or more, are inserted between the MRS and a command to be issued next.
It is necessary to keep idle time of certain cycles for SDRAM before issuing PALL command after
power-on. Refer to the manual of the SDRAM for the idle time to be needed. When the pulse
width of the reset signal is longer than the idle time, mode register setting can be started
immediately after the reset, but care should be taken when the pulse width of the reset signal is
shorter than the idle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com