Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 101Page - Renesas Technology Corp SH7243 Datasheet HTML 102Page - Renesas Technology Corp SH7243 Datasheet HTML 103Page - Renesas Technology Corp SH7243 Datasheet HTML 104Page - Renesas Technology Corp SH7243 Datasheet HTML 105Page - Renesas Technology Corp SH7243 Datasheet HTML 106Page - Renesas Technology Corp SH7243 Datasheet HTML 107Page - Renesas Technology Corp SH7243 Datasheet HTML 108Page - Renesas Technology Corp SH7243 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 1726 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 1.00 Jun. 26, 2008 Page 75 of 1692
REJ09B0393-0100
The clock pulse generator blocks function as follows:
(1)
PLL Circuit
The PLL circuit multiplies the input clock frequency from the crystal oscillator or EXTAL pin by
8.
(2)
Crystal Oscillator
The crystal oscillator is an oscillation circuit in which a crystal resonator is connected to the
XTAL pin or EXTAL pin. This can be used according to the clock operating mode.
(3)
Divider
The divider generates a clock signal at the operating frequency used by the internal clock (I
φ), bus
clock (B
φ), peripheral clock (Pφ), MTU2S clock (Mφ), or AD clock (Aφ). The operating
frequency can be 1, 1/2, 1/4, or 1/8 times the output frequency of the PLL circuit. The division
ratio is set in the frequency control register (FRQCR). USB clock (U
φ) is set as fixed 1/2 and
when generating USB clock with a divider, set the crystal resonator to 12 MHz.
(4)
Clock Frequency Control Circuit
The clock frequency control circuit controls the clock frequency using the frequency control
register (FRQCR).
(5)
Standby Control Circuit
The standby control circuit controls the states of the clock pulse generator and other modules
during clock switching, or sleep or software standby mode.
(6)
Frequency Control Register (FRQCR)
The frequency control register (FRQCR) has control bits assigned for the following functions:
clock output/non-output from the CK pin during software standby mode, and the frequency
division ratios of the internal clock (I
φ), bus clock (Bφ), and peripheral clock (Pφ).
(7)
MTU2S Clock Frequency Control Register (MCLKCR)
The MTU2S clock frequency control register (MCLKCR) has control bits assigned for the
following functions: MTU2S clock (M
φ) output/non-output and the frequency division ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com