Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 106Page - Renesas Technology Corp SH7243 Datasheet HTML 107Page - Renesas Technology Corp SH7243 Datasheet HTML 108Page - Renesas Technology Corp SH7243 Datasheet HTML 109Page - Renesas Technology Corp SH7243 Datasheet HTML 110Page - Renesas Technology Corp SH7243 Datasheet HTML 111Page - Renesas Technology Corp SH7243 Datasheet HTML 112Page - Renesas Technology Corp SH7243 Datasheet HTML 113Page - Renesas Technology Corp SH7243 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1726 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 1.00 Jun. 26, 2008 Page 80 of 1692
REJ09B0393-0100
FRQCR/MCLKCR/ACLKCR
Division Ratio Setting
Clock Ratio
Clock Frequency (MHz)*
PLL
Multipli-
cation
Ratio
I
φ
B
φ
P
φ
M
φ
A
φ
I
φ
B
φ
P
φ
M
φ
A
φ
Input Clock
I
φ
B
φ
P
φ
M
φ
A
φ
1/1
1/2
1/4
1/4
1/4
8
4
2
2
2
100
50
25
25
25
1/1
1/2
1/4
1/2
1/4
8
4
2
4
2
100
50
25
50
25
1/1
1/2
1/4
1/2
1/2
8
4
2
4
4
100
50
25
50
50
1/1
1/2
1/4
1/1
1/4
8
4
2
8
2
100
50
25
100
25
1/1
1/2
1/4
1/1
1/2
8
4
2
8
4
100
50
25
100
50
1/1
1/2
1/2
1/2
1/2
8
4
4
4
4
100
50
50
50
50
×8
1/1
1/2
1/2
1/1
1/2
8
4
4
8
4
12.5
100
50
50
100
50
Notes:
* Clock frequencies when the input clock frequency is assumed to be the shown value.
1.
The PLL multiplication ratio is fixed at ×8. The division ratio can be selected from ×1, ×1/2, ×1/4,
and ×1/8 for each clock by the setting in the frequency control register.
2.
The output frequency of the PLL circuit is obtained by multiplication of the frequency of the input
from the crystal resonator or EXTAL pin and the multiplication ratio (×8) of the PLL circuit. This
output frequency must be 100 MHz or lower.
3.
The input to the divider is always the output from the PLL circuit.
4.
The internal clock (I
φ) frequency is obtained by multiplication of the frequency of the input from the
crystal resonator or EXTAL pin, the multiplication ratio (×8) of the PLL circuit, and the division ratio
of the divider. The resultant frequency of the internal clock (I
φ) must not exceed 100 MHz
(maximum operating frequency) or lower.
5. The bus clock (B
φ) frequency is obtained by multiplication of the frequency of the input from the
crystal resonator or EXTAL pin, the multiplication ratio (×8) of the PLL circuit, and the division ratio
of the divider. The resultant frequency of the bus clock (B
φ) must not exceed 50 MHz or the
internal clock (I
φ) frequency.
6.
The peripheral clock (P
φ) frequency is obtained by multiplication of the frequency of the input from
the crystal resonator or EXTAL pin, the multiplication ratio (×8) of the PLL circuit, and the division
ratio of the divider. The resultant frequency of the peripheral clock (P
φ) must not exceed 50 MHz or
the bus clock (B
φ) frequency.
7.
When using the MTU2S, the MTU2S clock (M
φ) frequency must not exceed the internal clock (Iφ)
frequency. The MTU2S clock (M
φ) frequency is obtained by multiplication of the frequency of the
input from the crystal resonator or EXTAL pin, the multiplication ratio (×8) of the PLL circuit, and
the division ratio of the divider.
8.
The frequency of the CK pin output is always equal to the bus clock (B
φ) frequency.
9.
When using the AD, the AD clock (A
φ) frequency must be equal to or higher than the peripheral
clock (P
φ) frequency.
10. When using the USB, the peripheral clock (P
φ) frequency must be 13 MHz or higher.
11. U
φ must be fixed to 48 MHz. When generating Uφ from the divider, input the clock 12 MHz or
connect the crystal resonator of 12MHz to the EXTAL or XTAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com