Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 116Page - Renesas Technology Corp SH7243 Datasheet HTML 117Page - Renesas Technology Corp SH7243 Datasheet HTML 118Page - Renesas Technology Corp SH7243 Datasheet HTML 119Page - Renesas Technology Corp SH7243 Datasheet HTML 120Page - Renesas Technology Corp SH7243 Datasheet HTML 121Page - Renesas Technology Corp SH7243 Datasheet HTML 122Page - Renesas Technology Corp SH7243 Datasheet HTML 123Page - Renesas Technology Corp SH7243 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 1726 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 1.00 Jun. 26, 2008 Page 90 of 1692
REJ09B0393-0100
4.7
Oscillation Stop Detection
The CPG detects a stop in the clock input if any system abnormality halts the clock supply.
When no change has been detected in the EXTAL input for a certain period, the OSCSTOP bit in
OSCCR is set to 1 and this state is retained until a power-on reset is input through the
RES pin is
canceled. If the OSCERS bit is 1 at this time, an oscillation stop detection flag signal is output
through the
WDTOVF pin. In addition, the high-current ports (multiplexed pins to which the
TIOC3B, TIOC3D, and TIOC4A to TIOC4D signals in the MTU2, the TIOC3BS, TIOC3DS, and
TIOC4AS to TIOC4DS in the MTU2S are assigned) can be placed in high-impedance state
regardless of the PFC setting. For details, refer to appendix A, Pin States.
Even in software standby mode, these pins are placed in high-impedance state. For details, refer to
appendix A, Pin States. Under an abnormal condition where oscillation stops while the LSI is not
in software standby mode, LSI operations other than the oscillation stop detection function
become unpredictable. In this case, even after oscillation is restarted, LSI operations including the
above high-current pins become unpredictable.
Even while no change is detected in the EXTAL input, the PLL circuit in this LSI continues
oscillating at a frequency range from 100 kHz to 10 MHz (depending on the temperature and
operating voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com