Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 126Page - Renesas Technology Corp SH7243 Datasheet HTML 127Page - Renesas Technology Corp SH7243 Datasheet HTML 128Page - Renesas Technology Corp SH7243 Datasheet HTML 129Page - Renesas Technology Corp SH7243 Datasheet HTML 130Page - Renesas Technology Corp SH7243 Datasheet HTML 131Page - Renesas Technology Corp SH7243 Datasheet HTML 132Page - Renesas Technology Corp SH7243 Datasheet HTML 133Page - Renesas Technology Corp SH7243 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 1726 page
background image
Section 5 Exception Handling
Rev. 1.00 Jun. 26, 2008 Page 100 of 1692
REJ09B0393-0100
Exception Sources
Vector
Numbers
Vector Table Address Offset
Integer division exception
(division by zero)
17
H'00000044 to H'00000047
Integer division exception (overflow)
18
H'00000048 to H'0000004B
(Reserved by system)
19
:
31
H'0000004C to H'0000004F
:
H'0000007C to H'0000007F
Trap instruction (user vector)
32
:
63
H'00000080 to H'00000083
:
H'000000FC to H'000000FF
External interrupts (IRQ),
on-chip peripheral module interrupts*
64
:
511
H'00000100 to H'00000103
:
H'000007FC to H'000007FF
Note:
*
The vector numbers and vector table address offsets for each external interrupt and on-
chip peripheral module interrupt are given in table 6.4 in section 6, Interrupt Controller
(INTC).
Table 5.4
Calculating Exception Handling Vector Table Addresses
Exception Source
Vector Table Address Calculation
Resets
Vector table address = (vector table address offset)
= (vector number)
× 4
Address errors, register bank
errors, interrupts, instructions
Vector table address = VBR + (vector table address offset)
= VBR + (vector number)
× 4
Notes: 1. Vector table address offset: See table 5.3.
2. Vector number: See table 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com