Electronic Components Datasheet Search
  English  ▼

X  

SH7243 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 207Page - Renesas Technology Corp SH7243 Datasheet HTML 208Page - Renesas Technology Corp SH7243 Datasheet HTML 209Page - Renesas Technology Corp SH7243 Datasheet HTML 210Page - Renesas Technology Corp SH7243 Datasheet HTML 211Page - Renesas Technology Corp SH7243 Datasheet HTML 212Page - Renesas Technology Corp SH7243 Datasheet HTML 213Page - Renesas Technology Corp SH7243 Datasheet HTML 214Page - Renesas Technology Corp SH7243 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 1726 page
background image
Section 7 User Break Controller (UBC)
Rev. 1.00 Jun. 26, 2008 Page 181 of 1692
REJ09B0393-0100
7.3.10
Break Address Register_3 (BAR_3)
BAR_3 is a 32-bit readable/writable register. BAR_3 specifies the address used as a break
condition in channel 3. The control bits CD3_1 and CD3_0 in the break bus cycle register_3
(BBR_3) select one of the three address buses for a break condition of channel 3. BAR_3 is
initialized to H'00000000 by a power-on reset, but retains its previous value by a manual reset or
in software standby mode or sleep mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
BA3_31 BA3_30 BA3_29 BA3_28 BA3_27 BA3_26 BA3_25 BA3_24 BA3_23 BA3_22 BA3_21 BA3_20 BA3_19 BA3_18 BA3_17 BA3_16
BA3_15 BA3_14 BA3_13 BA3_12 BA3_11 BA3_10 BA3_9 BA3_8 BA3_7 BA3_6 BA3_5 BA3_4 BA3_3 BA3_2 BA3_1 BA3_0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BA3_31 to
BA3_0
All 0
R/W
Break Address 3
Store an address on the CPU address bus (FAB or
MAB) or IAB specifying break conditions of channel 3.
When the C bus and instruction fetch cycle are
selected by BBR_3, specify an FAB address in bits
BA3_31 to BA3_0.
When the C bus and data access cycle are selected by
BBR_3, specify an MAB address in bits BA3_31 to
BA3_0.
Note:
When setting the instruction fetch cycle as a break condition, clear the LSB in BAR_3 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com