Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M30201
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 4 Page - Renesas Technology Corp

  M30201 Datasheet HTML 1Page - Renesas Technology Corp M30201 Datasheet HTML 2Page - Renesas Technology Corp M30201 Datasheet HTML 3Page - Renesas Technology Corp M30201 Datasheet HTML 4Page - Renesas Technology Corp M30201 Datasheet HTML 5Page - Renesas Technology Corp M30201 Datasheet HTML 6Page - Renesas Technology Corp M30201 Datasheet HTML 7Page - Renesas Technology Corp M30201 Datasheet HTML 8Page - Renesas Technology Corp M30201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 415 page
background image
How to Use This Manual
This user's manual is written for the M30201 group.
The reader of this manual is expected to have the basic knowledge of electric and logic
circuits and microcomputers.
This manual is for the use of the models below.
• M30201M4-XXXSP/FP
• M30201M4T-XXXFP
• M30201M6-XXXFP
• M30201M6T-XXXFP
• M30201F6SP/FP
• M30201F6TFP
These products have similar features except for the memories, which differ from one product to
another. This manual gives descriptions of M30201M4-XXXSP. Memories built-in are as shown
below. Be careful when writing a program, as the memories have different capacities.
The figure of each register configuration describes its functions, contents at reset, and attributes
as follows :
This manual comprises of eight chapters. Use the suggested chapters as a reference for the
following topics:
• Bit attribute
R.....Read
W.....Write
O.....Possible to read
O.....Possible to write
X.....Impossible to read
X.....Impossible to write
TA1OS
TA2OS
TA0OS
One-shot start flag
Symbol
Address
When reset
ONSF
038216
00X000002
Timer A0 one-shot start flag
Timer A1 one-shot start flag
Timer A2 one-shot start flag
Timer A3 one-shot start flag
Timer A4 one-shot start flag
TA3OS
TA4OS
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be
indeterminate.
TA0TGL
TA0TGH
0 0 : Input on TA0IN is selected (Note)
0 1 : TB2 overflow is selected
1 0 : TA4 overflow is selected
1 1 : TA1 overflow is selected
Timer A0 event/trigger
select bit
b7 b6
Note: Set the corresponding port direction register to “0”.
W
R
1 : Timer start
When read, the value is “0”
Bit attribute
RAM Size
(Byte)
1K
16K
32K
M30201M4-XXXSP/FP
M30201M4T-XXXFP
512
ROM Size
(Byte)
2K
M30201F6SP/FP
M30201F6TFP
M30201M6-XXXFP
M30201M6T-XXXFP
48K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com