Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M30201
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 26Page - Renesas Technology Corp M30201 Datasheet HTML 27Page - Renesas Technology Corp M30201 Datasheet HTML 28Page - Renesas Technology Corp M30201 Datasheet HTML 29Page - Renesas Technology Corp M30201 Datasheet HTML 30Page - Renesas Technology Corp M30201 Datasheet HTML 31Page - Renesas Technology Corp M30201 Datasheet HTML 32Page - Renesas Technology Corp M30201 Datasheet HTML 33Page - Renesas Technology Corp M30201 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 415 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
17
Software Reset
Software Reset
Writing “1” to bit 3 of the processor mode register 0 (address 000416) applies a (software) reset to the
microcomputer. A software reset has almost the same effect as a hardware reset. The contents of internal
RAM are preserved.
Figure 1.14 shows the processor mode register 0 and 1.
Figure 1.14. Processor mode register 0 and 1.
Processor mode register 0 (Note)
Symbol
Address
When reset
PM0
000416
XXXX00002
Bit name
Function
Bit symbol
W
R
b7 b6
b5
b4
b3
b2
b1 b0
PM03
Reserved bit
Software reset bit
The device is reset when this bit
is set to “1”. The value of this bit
is “0” when read.
Note: Set bit 1 of the protect register (address 000A16) to “1” when writing new
values to this register.
Processor mode register 1 (Note)
Symbol
Address
When reset
PM1
000516
0XXXXXX02
Bit name
Function
Bit symbol
W
R
b7
b6 b5
b4
b3
b2
b1
b0
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
Reserved bit
Must always be set to “0”
0
Note: Set bit 1 of the protect register (address 000A16) to “1” when writing new values
to this register.
Must always be set to “0”
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
0
0
0
0
0
Reserved bit
Must always be set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com