| Electronic Components Datasheet Search |
|
M30201 Datasheet(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30201 Datasheet(HTML) 31 Page - Renesas Technology Corp |
|
31 / 415 page ![]() Clock Generating Circuit Mitsubishi microcomputers M30201 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 18 Figure 1.16. Examples of sub-clock Table 1.2. Main clock and sub-clock generating circuits Clock Generating Circuit The clock generating circuit contains two oscillator circuits that supply the operating clock sources to the CPU and internal peripheral units. Example of oscillator circuit Figure 1.15 shows some examples of the main clock circuit, one using an oscillator connected to the circuit, and the other one using an externally derived clock for input. Figure 1.16 shows some examples of sub- clock circuits, one using an oscillator connected to the circuit, and the other one using an externally derived clock for input. Circuit constants in Figures 15 and 16 vary with each oscillator used. Use the values recommended by the manufacturer of your oscillator. Figure 1.15. Examples of main clock Main clock generating circuit Sub clock generating circuit Use of clock • CPU’s operating clock source • CPU’s operating clock source • Internal peripheral units’ • Timer A/B/X’s count clock operating clock source source Usable oscillator Ceramic or crystal oscillator Crystal oscillator Pins to connect oscillator XIN, XOUT XCIN, XCOUT Oscillation stop/restart function Available Available Oscillator status immediately after reset Oscillating Stopped Other Externally derived clock can be input M30201 (Built-in feedback resistor) XIN XOUT Externally derived clock Open Vcc Vss M30201 (Built-in feedback resistor) XIN XOUT Rd CIN COUT (Note) Note: Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by the maker of the oscillator. When the oscillation drive capacity is set to low, check that oscillation is stable. Also, if the oscillator manufacturer's data sheet specifies that a feedback resistor be added external to the chip, insert a feedback resistor between XIN and XOUT following the instruction. M30201 (Built-in feedback resistor) XCIN XCOUT Externally derived clock Open Vcc Vss M30201 (Built-in feedback resistor) XCIN XCOUT (Note) CCIN CCOUT RCd Note: Insert a damping resistor if required. The resistance will vary depending on the oscillator and the oscillation drive capacity setting. Use the value recommended by the maker of the oscillator. When the oscillation drive capacity is set to low, check that oscillation is stable. Also, if the oscillator manufacturer's data sheet specifies that a feedback resistor be added external to the chip, insert a feedback resistor between XCIN and XCOUT following the instruction. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |