Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M30201
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 25Page - Renesas Technology Corp M30201 Datasheet HTML 26Page - Renesas Technology Corp M30201 Datasheet HTML 27Page - Renesas Technology Corp M30201 Datasheet HTML 28Page - Renesas Technology Corp M30201 Datasheet HTML 29Page - Renesas Technology Corp M30201 Datasheet HTML 30Page - Renesas Technology Corp M30201 Datasheet HTML 31Page - Renesas Technology Corp M30201 Datasheet HTML 32Page - Renesas Technology Corp M30201 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 415 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
16
Figure 1.13. Device's internal status after a reset is cleared
x : Nothing is mapped to this bit
? : Undefined
The content of other registers and RAM is undefined when the microcomputer is reset. The initial values
must therefore be set.
(1)
(000416)···
Processor mode register 0
(2)
(000516)···
Processor mode register 1
(3)
(000616)···
System clock control register 0
(4)
(000716)···
System clock control register 1
(5)
(6)
(000916)···
Address match interrupt
enable register
(7)
(000A16)···
(9)
(000F16)···
Watchdog timer control register
(11)
(001416)···
(001516)···
(001616)···
(12)
(13)
(21)
(22)
(23)
(004D16)···
Key input interrupt control register
(20)
(8)
Protect register
(001016)···
Address match interrupt
register 0
(001116)···
(001216)···
(10)
(14)
(15)
(16)
(17)
(18)
(19)
(24)
A-D conversion interrupt
control register
(25)
(26)
(004E16)···
(27)
(28)
(29)
(30)
UART0 transmit interrupt control
register
UART0 receive interrupt control
register
UART1 transmit interrupt control
register
UART1 receive interrupt control
register
(31)
(32)
(33)
(34)
(35)
(36)
(37)
Timer A0 interrupt control register
Timer X0 interrupt control register
Timer X1 interrupt control register
Timer X2 interrupt control register
Timer B0 interrupt control register
Timer B1 interrupt control register
(38)
(39)
INT0 interrupt control register
(40)
INT1 interrupt control register
(41)
(005116)···
(005216)···
(005316)···
(005416)···
(005516)···
(005616)···
(005716)···
(005816)···
(005A16)···
(005B16)···
(005D16)···
(005E16)···
(038316)···
Trigger select flag
(038416)···
Up-down flag
(039616)···
Timer A0 mode register
(039716)···
Timer X0 mode register
(039816)···
Timer X1 mode register
(039B16)···
Timer B0 mode register
(039C16)···
Timer B1 mode register
(039916)···
Timer X2 mode register
(038216)···
One-shot start flag
(03A816)···
UART1 transmit/receive control
register 0
(03AD16)···
UART1 transmit/receive control
register 1
(03B016)···
UART transmit/receive control
register 2
(03A016)···
UART0 transmit/receive mode
register
(03A416)···
UART0 transmit/receive control
register 0
(03A516)···
UART0 transmit/receive control
register 1
Count start flag
(038016)···
(038116)···
Clock prescaler reset flag
01001000
00
0
00
0
0
0
0
1
000
000??? ??
000 0
0
0016
0016
0016
0016
0016
0016
0016
00
0
0
0016
0016
0
0
000
?
000
?
000
?
000
?
000
?
000
?
000
?
000
?
000
?
000
?
000
?
00 0
?
0 0
000
?
0 0
000
?
0
0
0
0
0
00 00 0 0 0
00
00 00 00
0 001 00 0
0
00 0 0 01 0
0
00 0 1 00 0
0
00 0 0 01 0
0
0016
0016
00
000 0
?
00
000 0
?
(03AC16)···
UART1 transmit/receive mode
register
Address match interrupt
register 1
(48)
(49)
(46)
(47)
(45)
(50)
(51)
(52)
(53)
(59)
(57)
(58)
(55)
(56)
(54)
(64)
(63)
(65)
(66)
(62)
(03D416)···
A-D control register 2
(03D616)···
A-D control register 0
(03D716)···
A-D control register 1
(60)
(61)
(03E216)···
Port P0 direction register
(03E316)···
Port P1 direction register
(03E616)···
Port P2 direction register
(03E716)···
Port P3 direction register
(03EA16)···
Port P4 direction register
(03EB16)···
Port P5 direction register
(03EE16)···
Port P6 direction register
(03EF16)···
Port P7 direction register
(03FC16)···
Pull-up control register 0
(03FD16)···
Pull-up control register 1
(03FE16)···
Port P1 drive capacity control
register
Frame base register (FB)
Address registers (A0/A1)
Interrupt table register (INTB)
User stack pointer (USP)
Interrupt stack pointer (ISP)
Static base register (SB)
Flag register (FLG)
Data registers (R0/R1/R2/R3)
0 0 00 0? ? ?
0016
0016
0016
0016
0016
0016
0016
000016
000016
000016
0000016
000016
000016
000016
000016
0
00 000 0 0
00 00 00
00 000 0
000 0 0
00
0
0
0
(43)
(44)
(42)
(03B416)···
Flash memory control register 0
(Note )
(03B516)···
Flash memory control register 1
(Note)
(03B616)···
Flash command register
00
0016
0
0
0
0
00
0
0
0
1
0
0
Note: This register is only exist in flash memory version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com