Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M30201
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 93Page - Renesas Technology Corp M30201 Datasheet HTML 94Page - Renesas Technology Corp M30201 Datasheet HTML 95Page - Renesas Technology Corp M30201 Datasheet HTML 96Page - Renesas Technology Corp M30201 Datasheet HTML 97Page - Renesas Technology Corp M30201 Datasheet HTML 98Page - Renesas Technology Corp M30201 Datasheet HTML 99Page - Renesas Technology Corp M30201 Datasheet HTML 100Page - Renesas Technology Corp M30201 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 415 page
background image
Serial I/O
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
84
(c) Transfer clock output from multiple pins function
This function allows the setting two transfer clock output pins and choosing one of the two to output a
clock by using the CLK and CLKS select bit (bits 4 and 5 at address 03B016). (See Figure 1.78.) The
multiple pins function is valid only when the internal clock is selected for UART0.
Figure 1.78. The transfer clock output from the multiple pins function usage
(d) Continuous receive mode
If the continuous receive mode enable bit (bits 2 and 3 at address 03B016) is set to “1”, the unit is
placed in continuous receive mode. In this mode, when the receive buffer register is read out, the unit
simultaneously goes to a receive enable state without having to set dummy data to the transmit buffer
register back again.
Clock synchronous serial I/O mode
Microcomputer
TXD0 (P50)
CLKS (P53)
CLK0 (P52)
IN
CLK
IN
CLK
Note: This applies when the internal clock is selected and transmission
is performed only in clock synchronous serial I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com