Electronic Components Datasheet Search
  English  ▼

X  

M30201 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # M30201
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30201 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button M30201 Datasheet HTML 76Page - Renesas Technology Corp M30201 Datasheet HTML 77Page - Renesas Technology Corp M30201 Datasheet HTML 78Page - Renesas Technology Corp M30201 Datasheet HTML 79Page - Renesas Technology Corp M30201 Datasheet HTML 80Page - Renesas Technology Corp M30201 Datasheet HTML 81Page - Renesas Technology Corp M30201 Datasheet HTML 82Page - Renesas Technology Corp M30201 Datasheet HTML 83Page - Renesas Technology Corp M30201 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 415 page
background image
Mitsubishi microcomputers
M30201 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer X
67
Figure 1.59. Timer X-related registers (3)
Symbol
Address
When reset
CPSRF
038116
0XXXXXXX2
Clock prescaler reset flag
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3 b2
b1
b0
Clock prescaler reset flag
0 : No effect
1 : Prescaler is reset
(When read, the value is “0”)
CPSR
W
R
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns
out to be indeterminate.
TA0TGL
Symbol
Address
When reset
TRGSR
038316
0016
Timer A0 event/trigger
select bit
0 0 : Input on TA0IN is selected (Note)
0 1 : TB1 overflow is selected
1 0 : TX2 overflow is selected
1 1 : TX0 overflow is selected
Trigger select register
Bit name
Function
Bit symbol
b7 b6
b5
b4
b3
b2 b1
b0
0 0 : Input on TX0INOUT is selected (Note)
0 1 : TB1 overflow is selected
1 0 : TA0 overflow is selected
1 1 : TX1 overflow is selected
0 0 : Input on TX1INOUT is selected (Note)
0 1 : TB1 overflow is selected
1 0 : TX0 overflow is selected
1 1 : TX2 overflow is selected
0 0 : Input on TX2INOUT is selected (Note)
0 1 : TB1 overflow is selected
1 0 : TX1 overflow is selected
1 1 : TA0 overflow is selected
Timer X0 event/trigger
select bit
Timer X1 event/trigger
select bit
Timer X2 event/trigger
select bit
W
R
TA0TGH
TX0TGL
TX0TGH
TX1TGL
TX1TGH
TX2TGL
TX2TGH
b1 b0
b3 b2
b5 b4
b7 b6
Note: Set the corresponding port direction register to “0”(input mode).
TX0OS
TX1OS
TA0OS
One-shot start flag
Symbol
Address
When reset
ONSF
038216
XXXX00002
Timer A0 one-shot start flag
Timer X0 one-shot start flag
Timer X1 one-shot start flag
Timer X2 one-shot start flag
TX2OS
Bit name
Function
Bit symbol
b7
b6 b5
b4
b3
b2
b1
b0
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out
to be indeterminate.
W
R
1 : Timer start
When read, the value is “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com