Electronic Components Datasheet Search
  English  ▼

X  

3825 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 3825
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3825 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 3825 Datasheet HTML 55Page - Renesas Technology Corp 3825 Datasheet HTML 56Page - Renesas Technology Corp 3825 Datasheet HTML 57Page - Renesas Technology Corp 3825 Datasheet HTML 58Page - Renesas Technology Corp 3825 Datasheet HTML 59Page - Renesas Technology Corp 3825 Datasheet HTML 60Page - Renesas Technology Corp 3825 Datasheet HTML 61Page - Renesas Technology Corp 3825 Datasheet HTML 62Page - Renesas Technology Corp 3825 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 339 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3825 Group
1-43
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
High-speed mode f(XIN) = 8 MHz
Middle-speed mode f(XIN) = 8 MHz
Low-speed mode
Power source voltage
A-D conversion reference voltage
Analog power source voltage
Analog input voltage AN0–AN7
“H” input voltage
P16, P17, P40, P41, P45, P47, P52, P53, P56,
P60–P67, P70–P77, P80, P81 (CM4=0)
“H” input voltage
P20–P27, P42–P44, P46, P50, P51, P54, P55, P57,
“H” input voltage
RESET
“H” input voltage
XIN
“L” input voltage
P16, P17, P40, P41, P45, P47, P52, P53, P56,
P60–P67, P70–P77, P80, P81 (CM4=0)
“L” input voltage
P20–P27, P42–P44, P46, P50, P51, P54, P55, P57
“L” input voltage
RESET
“L” input voltage
XIN
5.5
5.5
5.5
VCC
VCC
VCC
VCC
VCC
VCC
0.3 VCC
0.2 VCC
0.2 VCC
0.2 VCC
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
V
V
V
Unit
4.0
2.5
2.5
2.0
AVSS
0.7 VCC
0.8 VCC
0.8 VCC
0.8 VCC
0
0
0
0
5.0
5.0
5.0
0
0
Typ.
Max.
Power source voltage
Table 11. Absolute maximum ratings
–0.3 to 7.0
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VL2
VL1 to VL3
VL2 to 7.0
–0.3 to 7.0
–0.3 to VCC +0.3
–0.3 to 7.0
–0.3 to VCC
–0.3 to VL3
–0.3 to VCC +0.3
–0.3 to 7.0
–0.3 to VL3
–0.3 to VCC +0.3
300
–20 to 85
–40 to 125
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mW
°C
°C
Power source voltage
Input voltage P16, P17, P20–P27, P40–P47,
P50–P57, P60–P67, P80, P81
Input voltage P70–P77
Input voltage VL1
Input voltage VL2
Input voltage VL3
Input voltage C1, C2
Input voltage RESET, XIN
Output voltage C1, C2
Output voltage P00–P07, P10–P15, P30–P37
Output voltage P16, P17, P20–P27, P40–P47,
P50–P57, P60–P67, P71–P77,
P80, P81
Output voltage VL3
Output voltage VL2, SEG0–SEG17
Output voltage XOUT
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VI
VI
VI
VI
VI
VO
VO
VO
VO
VO
VO
Pd
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
Unit
All voltages are based on VSS.
Output transistors are cut off.
At output port
At segment output
Ta = 25°C
Table 12. Recommended operating conditions (1) (VCC = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com