Electronic Components Datasheet Search
  English  ▼

X  

3825 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 3825
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3825 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 3825 Datasheet HTML 64Page - Renesas Technology Corp 3825 Datasheet HTML 65Page - Renesas Technology Corp 3825 Datasheet HTML 66Page - Renesas Technology Corp 3825 Datasheet HTML 67Page - Renesas Technology Corp 3825 Datasheet HTML 68Page - Renesas Technology Corp 3825 Datasheet HTML 69Page - Renesas Technology Corp 3825 Datasheet HTML 70Page - Renesas Technology Corp 3825 Datasheet HTML 71Page - Renesas Technology Corp 3825 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 339 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3825 Group
1-52
ELECTRICAL CHARACTERISTICS (Extended Operating Temperature Version)
Table 24. Electrical characteristics (Extended operating temperature version) (1)
(VCC = 4.0 to 5.5 V, Ta = –20 to 85°C, and VCC = 3.0 to 5.5V, Ta = –40 to –20°C, unless otherwise noted)
µA
µA
µA
µA
µA
V
V
V
V
VCC–2.0
VCC–0.9
VCC–2.0
VCC–0.5
VCC–0.9
VT+ – VT–
VT+ – VT–
VT+ – VT–
IIH
IIH
IIH
IIL
IIL
IIL
IIL
ILOAD
ILEAK
Note 1: When “1” is set to port XC switch bit (bit 4 of address 003B16) of CPU mode register, the drive ability of port P80 is different from the
value above mentioned.
“H” output voltage P00–P07, P10–P15, P30–P37
“H” output voltage P16, P17, P20–P27,P40–P47,
P50–P57, P60–P67, P71–P77,
P80, P81 (Note 1)
“L” output voltage
P00–P07, P10–P15, P30–P37
“L” output voltage
P16, P17, P20–P27,P40–P47,
P50–P57, P60–P67, P71–P77,
P80, P81 (Note 1)
Hysteresis
INT0–INT3, ADT, CNTR0,
CNTR1, P20–P27
Hysteresis
SCLK, RXD
Hysteresis
RESET
“H” input current
P16, P17, P20–P27,P40–P47,
P50–P57, P60–P67, P70–P77,
P80, P81
“H” input current
RESET
“H” input current
XIN
“L” input current
P16, P17, P20–P27,P40–P47,
P50–P57, P60–P67, P70–P77,
P80, P81
“L” input current
P70
“L” input current
RESET
“L” input current
XIN
Output load current P00–P07, P10–P15, P30–P37
Output leak current P00–P07, P10–P15, P30–P37
Symbol
Parameter
Limits
Min.
V
Unit
0.5
0.5
0.5
4.0
–70
–25
–4.0
70
25
Typ.
Max.
IOH = –2.5 mA
IOH = –0.6 mA
VCC = 3.0 V
IOH = –5 mA
IOH = –1.25 mA
IOH = –1.25 mA
VCC = 3.0 V
IOL = 5 mA
IOL = 1.25 mA
IOL = 1.25 mA
VCC = 3.0 V
IOL = 10 mA
IOL = 2.5 mA
IOL = 2.5 mA
VCC = 3.0 V
RESET: VCC=2.5 V to 5.5 V
VI = VCC
VI = VCC
VI = VCC
VI = VSS
Pull-ups “off”
VCC = 5 V, VI = VSS
Pull-ups “on”
VCC = 3 V, VI = VSS
Pull-ups “on”
VI = VSS
VI = VSS
VCC = 5.0 V, VO = VCC, Pull-downs “on”
Output transistors “off”
VCC = 3.0 V, VO = VCC, Pull-downs “on”
Output transistors “off”
VO = VCC, Pull-downs “off”
Output transistors “off”
VO = VSS, Pull-downs “off”
Output transistors “off”
Test conditions
VOH
VOH
VOL
VOL
2.0
0.5
1.1
2.0
0.5
1.1
5.0
5.0
–5.0
–140
–45
–5.0
–5.0
170
55
5.0
–5.0
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
–30
–6
30
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com