Electronic Components Datasheet Search
  English  ▼

X  

3825 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 3825
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3825 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 3825 Datasheet HTML 79Page - Renesas Technology Corp 3825 Datasheet HTML 80Page - Renesas Technology Corp 3825 Datasheet HTML 81Page - Renesas Technology Corp 3825 Datasheet HTML 82Page - Renesas Technology Corp 3825 Datasheet HTML 83Page - Renesas Technology Corp 3825 Datasheet HTML 84Page - Renesas Technology Corp 3825 Datasheet HTML 85Page - Renesas Technology Corp 3825 Datasheet HTML 86Page - Renesas Technology Corp 3825 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 339 page
background image
2.1 I/O pins
APPLICATION
3825 GROUP USER’S MANUAL
2–11
With the exception that “L” is output using port D for key input (refer to “Figure 2.1.13 (A)”), the basic
structure is the same as that shown in (1).
The examples shown in (1) and (2) are already put into practical use. However, be sure to evaluate
them on the user’s side.
In this example, the ports are the same structure as the equivalent circuit which a pull-up resistor of
about 1 k
is connected.
Fig. 2.1.13 Timing diagram 2 where switch A is pressed
CMOS I/O
port A
“L” output
“H” output
Read port
state
Charge time
t2
T
“H” output
Charge time
t2
CMOS I/O
port B
“L” output
“H” output
Input
Input
“H” output
CMOS I/O
port D
“L” output
“H” output
“L” output
“H” output
CMOS I/O
port C
“L” output
“H” output
Input
Input
“H” output
“L” output
(A)
(A)
’
Œ
Ž


‘
t1
Read port state
Input
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com