Electronic Components Datasheet Search
  English  ▼

X  

3825 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 3825
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3825 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 3825 Datasheet HTML 81Page - Renesas Technology Corp 3825 Datasheet HTML 82Page - Renesas Technology Corp 3825 Datasheet HTML 83Page - Renesas Technology Corp 3825 Datasheet HTML 84Page - Renesas Technology Corp 3825 Datasheet HTML 85Page - Renesas Technology Corp 3825 Datasheet HTML 86Page - Renesas Technology Corp 3825 Datasheet HTML 87Page - Renesas Technology Corp 3825 Datasheet HTML 88Page - Renesas Technology Corp 3825 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 339 page
background image
2.1 I/O pins
APPLICATION
3825 GROUP USER’S MANUAL
2–13
(4) Notes in standby state
In standby stateV2 for low-power dissipation, do not make input levels of an input port and an I/O port
“undefined”, especially for I/O ports of the P-channel and the N-channel open-drain.
Pull-up (connect the port to VCC) or pull-down (connect the port to VSS) these ports through a resistor.
When determining a resistance value, note the following points:
qExternal circuit
qVariation of output levels during the ordinary operation
When using built-in pull-up or pull-down resistor as an option, note on varied current values.
qWhen setting as an input port : Fix its input level
qWhen setting as an output port : Prevent current from flowing out to external
REASON
Even when setting as an output port with its direction register, in the following state:
qP-channel......when the content of the data register (port latch) is “0”
qN-channel......when the content of the data register (port latch) is “1”
the transistor becomes the OFF state, which causes the ports to be the high-impedance state. Note
that the level becomes “undefined” depending on external circuits.
Accordingly, the potential which is input to the input buffer in a microcomputer is unstable in the state
that input levels of a input port and an I/O port are “undefined”. This may cause power source current.
V2 standby state : the stop mode by executing the STP instruction the wait mode by executing the
WIT instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com