Electronic Components Datasheet Search
  English  ▼

X  

38B7 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 38B7
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B7 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 38B7 Datasheet HTML 42Page - Renesas Technology Corp 38B7 Datasheet HTML 43Page - Renesas Technology Corp 38B7 Datasheet HTML 44Page - Renesas Technology Corp 38B7 Datasheet HTML 45Page - Renesas Technology Corp 38B7 Datasheet HTML 46Page - Renesas Technology Corp 38B7 Datasheet HTML 47Page - Renesas Technology Corp 38B7 Datasheet HTML 48Page - Renesas Technology Corp 38B7 Datasheet HTML 49Page - Renesas Technology Corp 38B7 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 415 page
background image
HARDWARE
38B7 Group User’s Manual
1-23
FUNCTIONAL DESCRIPTION
Fig. 15 Structure of interrupt related registers
Fig. 14 Interrupt control
b7
b7
b7
b7
b7
b7
b0
b0
b0
b0
b0
b0
INT0 interrupt enable bit
INT1 interrupt enable bit
Serial I/O3 interrupt enable bit
INT2 interrupt enable bit
Remote controller/counter overflow interrupt
enable bit
Serial I/O1 interrupt enable bit
Serial I/O automatic transfer interrupt enable bit
Timer X interrupt enable bit
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
Timer 3 interrupt enable bit
INT0 interrupt request bit
INT1 interrupt request bit
Serial I/O3 interrupt request bit
INT2 interrupt request bit
Remote controller/counter overflow interrupt
request bit
Serial I/O1 interrupt request bit
Serial I/O automatic transfer interrupt request bit
Timer X interrupt request bit
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Timer 3 interrupt request bit
Interrupt edge selection register
INT0 interrupt edge selection bit
INT1 interrupt edge selection bit
INT2 interrupt edge selection bit
INT3 interrupt edge selection bit
INT4 interrupt edge selection bit
Not used (return “0” when read)
CNTR0 pin edge switch bit
CNTR1 pin edge switch bit
(INTEDGE : address 003A16)
0 : Falling edge active
1 : Rising edge active
Interrupt request register 1
Interrupt control register 1
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16)
(ICON1 : address 003E16)
Interrupt request register 2
(IREQ2 : address 003D16)
Interrupt control register 2
0 : Interrupt disabled
1 : Interrupt enabled
(ICON2 : address 003F16)
Interrupt source switch register
INT3/serial I/O2 transmit interrupt switch bit
0 : INT3 interrupt
1 : Serial I/O2 transmit interrupt
INT4/AD conversion interrupt switch bit
0 : INT4 interrupt
1 : A-D conversion interrupt
INT1/serial I/O3 interrupt switch bit
0 : INT1 interrupt
1 : Serial I/O3 interrupt
Not used (return “0” when read)
(Do not write “1” to these bits.)
(IFR : address 003916)
0 : Rising edge count
1 : Falling edge count
INT3/serial I/O2 transmit interrupt enable bit
INT4 interrupt enable bit
AD conversion interrupt enable bit
FLD blanking interrupt enable bit
FLD digit interrupt enable bit
Not used (returns “0” when read)
(Do not write “1” to this bit.)
INT3/serial I/O2 transmit interrupt request bit
INT4 interrupt request bit
AD conversion interrupt request bit
FLD blanking interrupt request bit
FLD digit interrupt request bit
Not used (returns “0” when read)
Timer 4 interrupt request bit
Timer 5 interrupt request bit
Timer 6 interrupt request bit
Serial I/O2 receive interrupt request bit
Timer 4 interrupt enable bit
Timer 5 interrupt enable bit
Timer 6 interrupt enable bit
Serial I/O2 receive interrupt enable bit
Interrupt disable flag I
Interrupt request
Interrupt request bit
Interrupt enable bit
BRK instruction
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com