Electronic Components Datasheet Search
  English  ▼

X  

38B7 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 38B7
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B7 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 38B7 Datasheet HTML 55Page - Renesas Technology Corp 38B7 Datasheet HTML 56Page - Renesas Technology Corp 38B7 Datasheet HTML 57Page - Renesas Technology Corp 38B7 Datasheet HTML 58Page - Renesas Technology Corp 38B7 Datasheet HTML 59Page - Renesas Technology Corp 38B7 Datasheet HTML 60Page - Renesas Technology Corp 38B7 Datasheet HTML 61Page - Renesas Technology Corp 38B7 Datasheet HTML 62Page - Renesas Technology Corp 38B7 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 415 page
background image
HARDWARE
1-36
38B7 Group User’s Manual
FUNCTIONAL DESCRIPTION
4. SRDY1 output signal
The SRDY1 output is a transmit/receive enable signal which in-
forms the serial transfer destination that transmit/receive is ready.
In the initial status, when the serial I/O initialization bit (b4) is reset
to “0”, the SRDY1 output goes to “L” and the SRDY1 output goes to
“H”. After transmitted data is stored in the serial I/O1 register (ad-
dress 001B16) and a transmit/receive operation becomes ready,
the SRDY1 output goes to “H” and the SRDY1 output goes to “L”.
When a transmit/receive operation is started and the transfer clock
goes to “L”, the SRDY1 output goes to “L” and the SRDY1 output
goes to “H”.
5. SRDY1 input signal
The SRDY1 input signal becomes valid only when the SRDY1 input
and the SBUSY1 output are used. The SRDY1 input is a signal for
receiving a transmit/receive ready completion signal from the se-
rial transfer destination.
When the internal synchronous clock is selected, input a low level
signal into the SRDY1 input and a high level signal into the SRDY1
input in the initial status in which the transfer is stopped.
When an “H” level signal is input into the SRDY1 input and an “L”
level signal is input into the SRDY1 input for a period of 1.5 cycles
or more of transfer clock, transfer clocks are output from the
SCLK1 output and a transmit/receive operation is started.
After the transmit/receive operation is started and an “L” level sig-
nal is input into the SRDY1 input and an “H” level signal into the
SRDY1 input, this operation cannot be immediately stopped.
After the specified number of bits are transmitted and received,
the transfer clocks from the SCLK1 output is stopped. The hand-
shake unit of the 8-bit serial I/O and that of the automatic transfer
serial I/O are of 8 bits.
When the external synchronous clock is selected, the SRDY1 input
becomes one of the triggers to output the SBUSY1 signal.
To start a transmit/receive operation (SBUSY1 output: “L”, SBUSY1
output: “H”), input an “H” level signal into the SRDY1 input and an
“L” level signal into the SRDY1 input, and also write transmit data
into the serial I/O1 register.
Fig. 32 SRDY1 output operation
Fig. 33 SRDY1 input operation (internal synchronous clock)
SRDY1
SCLK1
Write to serial
I/O1 register
SRDY1
SCLK1
SOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com